Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3605
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3605 Datasheet(HTML) 4 Page - Analog Devices

  LTC3605 Datasheet HTML 1Page - Analog Devices LTC3605 Datasheet HTML 2Page - Analog Devices LTC3605 Datasheet HTML 3Page - Analog Devices LTC3605 Datasheet HTML 4Page - Analog Devices LTC3605 Datasheet HTML 5Page - Analog Devices LTC3605 Datasheet HTML 6Page - Analog Devices LTC3605 Datasheet HTML 7Page - Analog Devices LTC3605 Datasheet HTML 8Page - Analog Devices LTC3605 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
4 of 35
(Specifications are at TA = 25°C. VIN = 12V, unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
INTVCC Undervoltage
Lockout Threshold
VUVLO
INTVCC Falling
2.2
2.4
2.6
V
INTVCCHysteresis (Rising)
0.21
RUN Threshold
VRUN
RUN Rising
1.16
1.2
1.24
V
RUN Hysteresis (Falling)
100
mV
PGOOD Pull-Down
Resistance
RPGOOD
1mA Load
5
10
Ω
Output Overvoltage
PGOOD Upper Threshold
OV
VFB Rising
4.5
6.5
8.5
%
VFB Hysteresis
2
Output Undervoltage
PGOOD Lower Threshold
UV
VFB Falling
-9
-7
-5
%
VFB Hysteresis
2
PGOOD Leakage
IPGOOD
VFB= 0.5V
2
µA
TRACK Pull-Up Current
ITRACK
VTRACK= 0V
5
10
µA
Internal Soft-Start Time
tss
0% to 90% Output Rise Time
115
µs
Oscillator Frequency
fosc
RRT = 100kΩ
-40°C ≤ TJ ≤ 150°C
0.9
1
1.1
MHz
Oscillator Frequency
Range
fosc_range
RRT = 249kΩ to 33.2kΩ
0.4
3
MHz
SYNC Capture Range
fSYNC
% of Programmed Frequency
±30
%
MODE/SYNC Threshold
VIH(MODE/SYNC) MODE/SYNC HIGH
1
V
VIL(MODE/SYNC) MODE/SYNC LOW
0.3
MODE/SYNC Current
IMODESYNC
MODE/SYNC = 0V
5
10
µA
PHMODE Threshold
VPHASEMODE
90° (4 Phase)
0.3
V
120° (3 Phase)
1
.
1 The LT7200S is tested under pulsed load conditions such that TJ ≈ TA. Specifications over the –40°C to 125°C
operating junction temperature range are assured by design, characterization, and correlation with statistical
process controls. The LT7200S is guaranteed over the full –40°C to 125°C operating junction temperature range.
Note that the maximum ambient temperature consistent with these specifications is determined by specific
operating conditions in conjunction with board layout, the rated package thermal impedance, and other
environmental factors. The junction temperature (TJ, in °C) is calculated from the ambient temperature (TA, in °C)
and power dissipation (PD, in watts) according to the formula:
TJ = TA + (PD • θJA), where θJA (in °C/W) is the package thermal impedance.
2 The quiescent current in Discontinuous Mode does not include switching loss of the power FETs.
3 VFB is measured in a feedback loop that servos VITH to a specified voltage.
4 There is additional switch current due to internal resistor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com