Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3605
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3605 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3605 Datasheet HTML 7Page - Analog Devices LTC3605 Datasheet HTML 8Page - Analog Devices LTC3605 Datasheet HTML 9Page - Analog Devices LTC3605 Datasheet HTML 10Page - Analog Devices LTC3605 Datasheet HTML 11Page - Analog Devices LTC3605 Datasheet HTML 12Page - Analog Devices LTC3605 Datasheet HTML 13Page - Analog Devices LTC3605 Datasheet HTML 14Page - Analog Devices LTC3605 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
11 of 35
VIN = 12V, VOUT = 1.2V, IOUT = 2.5A
RFB1 = 10KΩ, RFB2 = 14KΩ, COUT = 2 x 47µF
VTRACK/SS= 0.1µF
Figure 16. Start-Up Waveform
VIN = 12V, VOUT = 1.2V, IOUT = 2.5A
RFB1 = 10KΩ, RFB2 = 14KΩ, COUT = 2 x 47µF
VTRACK/SS= 0.1µF
Figure 17. Start-Up Waveform
(with Prebiased Output)
VIN = 12V, VOUT = 1.2V, IOUT = 2.5A
RFB1 = 10KΩ, RFB2 = 14KΩ, COUT = 2 x 47µF
VTRACK/SS= 0.1µF
Figure 18. Output Tracking
Figure 19. Shutdown Current vs SVIN
Figure 20. Active Current vs SVIN
DCM, No Load (CH1-4 ON)
Figure 21. SVIN Current vs Switching Frequency
DCM, No Load (CH1-4 ON)
2ms/DIV
VRUN
2V/DIV
IL
5A/DIV
VPGOOD
5V/DIV
VOUT
1V/DIV
2ms/DIV
VRUN
2V/DIV
IL
5A/DIV
VPGOOD
5V/DIV
VOUT
1V/DIV
500µs/DIV
VTRACK/SS
500mV/DIV
IL
2A/DIV
VOUT
1V/DIV
SVIN (V)
3
6
9
12
15
18
0
10
20
30
40
SVIN (V)
3
6
9
12
15
18
0
9.0
7.5
6.0
4.5
3.0
1.5
SVIN = 5V
FREQUENCY (MHz)
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com