Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3605 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3605
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3605 Datasheet(HTML) 3 Page - Analog Devices

  LTC3605 Datasheet HTML 1Page - Analog Devices LTC3605 Datasheet HTML 2Page - Analog Devices LTC3605 Datasheet HTML 3Page - Analog Devices LTC3605 Datasheet HTML 4Page - Analog Devices LTC3605 Datasheet HTML 5Page - Analog Devices LTC3605 Datasheet HTML 6Page - Analog Devices LTC3605 Datasheet HTML 7Page - Analog Devices LTC3605 Datasheet HTML 8Page - Analog Devices LTC3605 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
3 of 35
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are at TA = 25°C. VIN = 12V, unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
SVIN Operating Voltage
SVIN
-40°C ≤ TJ ≤ 150°C
2.9
18
V
PVIN Operating Voltage
PVIN
1.5
18
V
VOUT Operating Voltage
VOUT
RRT = 100kΩ
0.5
0.9VIN
V
Internal VCC Voltage
VINTVCC
SVIN > 5.5V
4.85
4.93
5.02
V
VIN Quiescent Current (2)
Active, Single Channel
IQ(ACT,1CH)
RRT = 100kΩ, MODE/SYNC = 0V,
VRUN1 = 2V, VRUN2,3,4= 0V
2
3
mA
VIN Quiescent Current (2)
Active, All Channels
IQ(ACT,4CH)
RRT = 100kΩ, MODE/SYNC = 0V,
VRUN1,2,3,4= 2V
6
7
mA
VIN Quiescent Current (2)
Shutdown Mode
IQ(SHDN)
RRT = 100kΩ
VRUN1,2,3,4= 0V
30
38
µA
Feedback Reference
Voltage (3)
VFB
ITH = 1V
-40°C ≤ TJ ≤ 150°C
0.496
0.5
0.504
V
Feedback Voltage Line
and Load Regulation (3)
ΔVFB(LINE+LOAD) -40°C ≤ TJ ≤ 150°C
-0.1
0.07
0.2
%
Feedback Pin Input
Current
IFB
±50
nA
Error Amplifier
Transconductance
Gm(EA)
ITH = 1V
0.9
1.05
1.2
ms
ITH Internal
Compensation
Threshold
VITH-INT
VINTVCC
- 0.3
V
Minimum On-Time
tON(MIN)
-40°C ≤ TJ ≤ 150°C
12
20
ns
Minimum Off-Time
tOFF(MIN)
25
ns
Positive Inductor
Valley Current Limit
ILIM-POS
FB = 0.58V
-40°C ≤ TJ ≤ 150°C
5
6
7
A
Negative Inductor Valley
Current Limit
ILIM-NEG
FB = 0.42V
-40°C ≤ TJ ≤ 150°C
7.9
-6.8
-5.8
A
Current Limit at
Different ITH Voltage
ILIM-ITH
ITH = 1.3V
2.5
3
3.5
A
ITH = 1V
-0.5
0
0.5
ITH = 0.7V
-3.5
-3
-2.5
Top Power NMOS
On-Resistance
RTOP
INTVCC = 5V
37
mΩ
Bottom Power NMOS
On-Resistance
RBOT
INTVCC = 5V
12
mΩ
Top Switch Leakage
ISW(TOP)
VIN = 18V, VSW = 0V
0.05
0.5
µA
Bottom Switch Leakage
ISW(BOTTOM)
VIN = 18V, VSW = 18V
0.1
1.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com