Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3613 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC3613
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 27Page - Analog Devices LTC3613 Datasheet HTML 28Page - Analog Devices LTC3613 Datasheet HTML 29Page - Analog Devices LTC3613 Datasheet HTML 30Page - Analog Devices LTC3613 Datasheet HTML 31Page - Analog Devices LTC3613 Datasheet HTML 32Page - Analog Devices LTC3613 Datasheet HTML 33Page - Analog Devices LTC3613 Datasheet HTML 34Page - Analog Devices LTC3613 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
34 of 35
ORDERING GUIDE
PART NUMBER
PART
MARKING
FINISH
CODE
PAD FINISH PACKAGE TYPE
MSL
RATING
TEMPERATURE
RANGE
LT7200SAV#PBF
7200S
e4
Au(RoHS)
LQFN
(Laminate
Package with
QFN Footprint)
3
-40°C to 125°C
LT7200SAV#TRPBF
Contact the factory for parts specified with wider operating temperature ranges.
*Pad or ball finish code is per IPC/JEDEC J-STD-609.
Recommended LGA and BGA PCB Assembly and Manufacturing Procedures
LGA and BGA Package and Tray Drawings
RELATED PARTS
PART
NUMBER
DESCRIPTION
COMMENTS
LTC3605/
LTC3605A
20V, 5A Synchronous Step-Down
Regulator
4V < VIN < 20V, 0.6V < VOUT < 20V, 96% Maximum Efficiency, 4mm
× 4mm QFN-24 Package
LTC3613
24V, 15A Monolithic Step-Down
Regulator with Differential Output
Sensing
4.5V < VIN < 24V, 0.6V < VOUT < 5.5V, 0.67% Output Voltage
Accuracy, Valley Current Mode, Programmable from 200kHz to
1MHz, Current Sensing, 7mm × 9mm QFN-56 Package
LTC3622
17V, Dual 1A Synchronous Step-
Down Regulator with Ultralow
Quiescent Current
2.7V < VIN < 17V, 0.6V < VOUT < VIN, 95% Maximum Efficiency, 3mm
× 4mm DFN-14 and MSOP-16 Package
LTC3623
15V, ±5A Rail-to-Rail Synchronous
Buck Regulator
4V ≤ VIN ≤ 15V, 0V < VOUT < VIN – 0.5V, Programmable Wire Drop
Compensation, Current Sensing, 96% Maximum Efficiency,
3mm × 5mm QFN-24 Package
LTC3624
17V, 2A Synchronous Step-Down
Regulator with 3.5µA Quiescent
Current
2.7V < VIN < 17V, 0.6V < VOUT < VIN, 95% Maximum Efficiency, 3.5µA
IQ, Zero-Current Shutdown, 3mm × 3mm DFN-8 Package
LTC3633A/
LTC3633A-1
Dual Channel 3A, 20V Monolithic
Synchronous Step-Down Regulator
3.6V < VIN < 20V, 0.6V < VOUT < VIN, 95% Maximum Efficiency, 4mm
× 5mm QFN-28 and TSSOP-28 Package
LTM4639
Low VIN 20A DC/DC µModule® Step-
Down Regulator
Complete 20A Switch Mode Power Supply, 2.375V < VIN < 7V,
0.6V < VOUT < 5.5V, 1.5% Maximum Total DC Output Voltage
Error, Differential Remote Sense Amp, 15mm × 15mm BGA
Package
LTM4637
20A DC/DC µModule Step-Down
Regulator
Complete 20A Switch Mode Power Supply, 4.5V < VIN < 20V, 0.6V
< VOUT < 5.5V, 1.5% Maximum Total DC Output Voltage Error,
Differential Remote Sense Amp, 15mm × 15mm BGA or LGA
Package
LTC7130
20V, 20A Monolithic Buck Converter
with Ultralow DCR Sensing
4.5V < VIN < 20V, 95% Maximum Efficiency, Optimized for Low
Duty Cycle Applications, 6.25mm × 7.5mm BGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com