Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3613 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3613
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 1 Page - Analog Devices

  LTC3613 Datasheet HTML 1Page - Analog Devices LTC3613 Datasheet HTML 2Page - Analog Devices LTC3613 Datasheet HTML 3Page - Analog Devices LTC3613 Datasheet HTML 4Page - Analog Devices LTC3613 Datasheet HTML 5Page - Analog Devices LTC3613 Datasheet HTML 6Page - Analog Devices LTC3613 Datasheet HTML 7Page - Analog Devices LTC3613 Datasheet HTML 8Page - Analog Devices LTC3613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Data Sheet
LT7200S
Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2022 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Silent Switcher 2 Architecture:
Ultralow EMI
Eliminated PCB Layout Sensitivity
Internal Bypass Caps Reduce Radiated EMI
Wide SVIN Range: 2.9V to 18V; PVIN: 1.5V to 18V
Wide VOUT Range: 0.5V to 0.9VIN
Output Current: ±5A/ Channel; up to ±20A
Accurate Reference: 0.5V ± 0.8% Over Temp
High Efficiency: Up to 96%
12ns Min on-time: True 12V to 1V at 2MHz
Programmable Multi-phase, Synchronizable
Frequency: 400kHz to 3MHz
Current Mode: Excellent Line and Load
Transient Response
User Selectable Discontinuous Mode® (DCM) or
Forced Continuous Mode (FCM) Operation
Flexible Individual Internal Compensation for
Ease of Use; External for Fast Transient
Accurate Individual 1.2V EN/ Run Pin Threshold
Individual Output Tracking and Soft-Start
Individual Power Good Status Output
Low Profile 5mm x 6mm 48-Lead LQFN Package
APPLICATIONS
Distributed Power Systems, Server Power
Point of Load Supply for ASIC, FPGA, Etc.
DESCRIPTION
The LT®7200S is a quad-channel, high efficiency
monolithic synchronous buck regulator, capable of
sinking/sourcing 5A to the load per channel. Its multi-
channel flexibility is ideal for powering complex
systems with the compact layout. The operating
supply voltage range is from 2.9V to 18V, making it
suitable for various supply applications from a 3.3V,
5V to 12V supply.
The operating frequency is programmable from
400kHz to 3MHz with an external resistor, or externally
synchronized
for
switching
noise
sensitive
applications. The unique “phase lockable, controlled
on-time, constant frequency, current mode”
architecture, is ideal for high frequency, high step-
down applications while demanding fast transient
responses. The high frequency capability allows
smaller surface mount inductors and capacitors. The
MODE/SYNC pin selects low noise Forced Continuous
Mode (FCM) or high efficiency Discontinuous Mode
(DCM). The PHMODE pin allows to run out-of-phase
among 4 channels, which lessens the required input
and output capacitors. The LT7200S uses second
generation
Silent
Switcher
technology
with
integrated bypass capacitors to deliver a highly
efficient solution at high frequencies with excellent
EMI performance.
TYPICAL APPLICATION
Figure 1. 1.2V/5A, 1.8V/5A, 3.3V/5A, 5V/5A (1MHz) Buck Regulator
Figure 2. Efficiency and Power Loss (1MHz)
VOUT1
1.2V/5A
VOUT2
1.8V/5A
VOUT3
3.3V/5A
VOUT4
5V/5A
2.9V
TO 18V
5.5V
TO 18V
PVIN3
RUN3
PVIN4
RUN4
RT
10µF
×2
10µF
×2
47µF
×2
4.7µF
PHMODE
GND
100kΩ
14kΩ
10kΩ
0.6µH
LT7200S
SW1
PVIN1
SVIN
RUN1
PVIN2
RUN2
MODE/SYNC
ITH1
ITH2
ITH3
ITH4
INTVCC
FB1
TRACK1
PGOOD1
47µF
×2
47µF
×2
47µF
×2
26.1kΩ
10kΩ
0.6µH
SW2
FB2
TRACK2
PGOOD2
56.2kΩ
10kΩ
1.5µH
SW3
FB3
TRACK3
PGOOD3
90.9kΩ
10kΩ
1.5µH
SW4
FB4
TRACK4
PGOOD4


Similar Part No. - LTC3613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3613 LINER-LTC3613 Datasheet
453Kb / 36P
24V, 15A Monolithic Step Down Regulator
logo
Analog Devices
LTC3613 AD-LTC3613 Datasheet
2Mb / 44P
25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
logo
Linear Technology
LTC3613EWKH LINER-LTC3613EWKH Datasheet
189Kb / 6P
Fast, High Efficiency Step-Down Regulator
LTC3613 LINER-LTC3613_15 Datasheet
458Kb / 36P
24V, 15A Monolithic Step Down Regulator with Differential Output Sensing
More results

Similar Description - LTC3613

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7235 RICHTEK-RT7235 Datasheet
302Kb / 18P
5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
logo
Linear Technology
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
15V, 5A Synchronous Step-Down Regulator
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
20V, 5A Synchronous Step-Down Regulator
LT8602 LINER-LT8602 Datasheet
1Mb / 30P
42V Quad Monolithic Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1470 HMSEMI-HM1470 Datasheet
1Mb / 7P
18V 2A 500KHz Synchronous Step-Down Regulator
HM1482E HMSEMI-HM1482E Datasheet
1Mb / 7P
18V 2.5A 500KHz Synchronous Step-Down Regulator
HM2259C HMSEMI-HM2259C Datasheet
1Mb / 7P
18V 2A 600KHz Synchronous Step-Down Regulator
logo
Analog Devices
LT8685S AD-LT8685S Datasheet
1Mb / 24P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev.0
LT8686S AD-LT8686S Datasheet
2Mb / 26P
42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
Rev. 0
logo
Richtek Technology Corp...
RT2825 RICHTEK-RT2825 Datasheet
434Kb / 22P
4.5V to 18V, 5A/5A Dual Synchronous Step-Down Converter
May 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com