Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3613 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3613
Description  Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 3Page - Analog Devices LTC3613 Datasheet HTML 4Page - Analog Devices LTC3613 Datasheet HTML 5Page - Analog Devices LTC3613 Datasheet HTML 6Page - Analog Devices LTC3613 Datasheet HTML 7Page - Analog Devices LTC3613 Datasheet HTML 8Page - Analog Devices LTC3613 Datasheet HTML 9Page - Analog Devices LTC3613 Datasheet HTML 10Page - Analog Devices LTC3613 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet
LT7200S
analog.com
Rev 0
7 of 35
32, 33
SW3
Channel 3 Switch Node Connection of External Inductor. Voltage swing of SW3 is from
a diode voltage drop below ground to a diode voltage above PVIN3.
30, 31
SW4
Channel 4 Switch Node Connection of External Inductor. Voltage swing of SW4 is from
a diode voltage drop below ground to a diode voltage above PVIN4.
10
SVIN
Signal VIN. Filtered input voltage to the on-chip 5V regulator. Bypass signal into the SVIN
pin with a 1µF ceramic capacitor.
14
MODE/SYNC
Mode Selection and Oscillator Synchronization Pin. Tie MODE/SYNC to GND for
Discontinuous Mode (DCM). Floating MODE/SYNC or tying it to a voltage above 1V
selects Forced Continuous Mode (FCM). Furthermore, connecting MODE/SYNC to an
external clock synchronizes the system clock to the external clock and puts the part in
Forced Continuous Mode (FCM). The synchronization is +/- 30% of the frequency set by
the external resistor RRT connected at RT pin.
16
TRACK1
Channel 1 Output Tracking and Soft-Start Pin. Allows to control the rise time of the
output voltage. Connecting a voltage between 0V to 0.5V on this pin relative to GND
bypasses error amplifier’s internal reference input. Instead, it servos the FB pin to that
voltage. There’s an internal 5µA pullup current from INTVCC to this pin; putting a
capacitor from this pin to GND provides soft-start function.
47
TRACK2
Channel 2 Output Tracking and Soft-Start Pin. Allows to control the rise time of the
output voltage. Connecting a voltage between 0V to 0.5V on this pin relative to GND
bypasses error amplifier’s internal reference input. Instead, it servos the FB pin to that
voltage. There’s an internal 5µA pullup current from INTVCC to this pin; putting a
capacitor from this pin to GND provides soft-start function.
40
TRACK3
Channel 3 Output Tracking and Soft-Start Pin. Allows to control the rise time of the
output voltage. Connecting a voltage between 0V to 0.5V on this pin relative to GND
bypasses error amplifier’s internal reference input. Instead, it servos the FB pin to that
voltage. There’s an internal 5µA pullup current from INTVCC to this pin; putting a
capacitor from this pin to GND provides soft-start function.
23
TRACK4
Channel 4 Output Tracking and Soft-Start Pin. Allows to control the rise time of the
output voltage. Connecting a voltage between 0V to 0.5V on this pin relative to GND
bypasses error amplifier’s internal reference input. Instead, it servos the FB pin to that
voltage. There’s an internal 5µA pullup current from INTVCC to this pin; putting a
capacitor from this pin to GND provides soft-start function.
17
FB1
Channel 1 Feedback Input to the Error Amplifier of the Step-Down Regulator. LT7200S
regulates this pin to a 0.5V accurate internal reference voltage. Connect resistor
divider tap to this pin. The output voltage, VOUT, can be adjusted from 0.5V to 0.9 x VIN
by: VOUT = 0.5V x [1+(R2/R1)].
47
FB2
Channel 2 Feedback Input to the Error Amplifier of the Step-Down Regulator. LT7200S
regulates this pin to a 0.5V accurate internal reference voltage. Connect resistor
divider tap to this pin. The output voltage, VOUT, can be adjusted from 0.5V to 0.9 x VIN
by: VOUT = 0.5V x [1+(R2/R1)].
41
FB3
Channel 3 Feedback Input to the Error Amplifier of the Step-Down Regulator. LT7200S
regulates this pin to a 0.5V accurate internal reference voltage. Connect resistor
divider tap to this pin. The output voltage, VOUT, can be adjusted from 0.5V to 0.9 x VIN
by: VOUT = 0.5V x [1+(R2/R1)].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com