Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMEF Datasheet(PDF) 7 Page - Stackpole Electronics, Inc.

Part # RMEF
Description  General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMEF Datasheet(HTML) 7 Page - Stackpole Electronics, Inc.

Back Button RMEF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 9Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 10Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Rev Date: 8/27/2021
7
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMEF Series
General Purpose Thick Film Chip Resistor
100% RoHS Compliant Without Exemption
Stackpole Electronics, Inc.
Resistive Product Solutions
Packaging Specifications
Taping Specifications
– Paper Tape
Type
Unit
0.453 ± 0.079
inches
11.50 ± 2.00
mm
0.079 ± 0.020 0.531 ± 0.039 0.827 ± 0.039 2.362 ± 0.039 0.453 ± 0.079
7.008 ± 0.079 inches
2.00 ± 0.50
13.50 ± 1.00
21.00 ± 1.00
60.00 ± 1.00
11.50 ± 2.00
178.00 ± 2.00
mm
0.630 ± 0.079
inches
16.00 ± 2.00
mm
(*) Larger reel sizes may be available. Contact Stackpole Electronics.
RMEF2010 RMEF2512
RMEF1812
7"
4 K/Reel
RMEF0603 RMEF0805
RMEF1206 RMEF1210
7"
5 K/Reel
ØM
RMEF0402
A
ØB
ØC
ØD
W
Size(*)
7" 10 K/Reel
Size
Unit
0.028 ± 0.004
0.047 ± 0.004
inches
0.70 ± 0.10
1.20 ± 0.10
mm
0.041 ± 0.008
0.071 ± 0.008
inches
1.05 ± 0.20
1.80 ± 0.20
mm
0.061 ± 0.008
0.091 ± 0.008
0.315 ± 0.008
0.069 ± 0.004
0.138 ± 0.002
inches
1.55 ± 0.20
2.30 ± 0.20
8.00 ± 0.20
1.75 ± 0.10
3.50 ± 0.05
mm
0.075 ± 0.008
0.138 ± 0.008
inches
1.90 ± 0.20
3.50 ± 0.20
mm
0.112 ± 0.008
0.138 ± 0.008
inches
2.85 ± 0.20
3.50 ± 0.20
mm
Size
Unit
0.018 ± 0.004
inches
0.45 ± 0.10
0.079 ± 0.004
mm
0.024 ± 0.004
2.00 ± 0.10
inches
0.60 ± 0.10
mm
0.157 ± 0.004
0.079 ± 0.002
0.030 ± 0.004
inches
4.00 ± 0.10
2.00 ± 0.05
0.75 ± 0.10
mm
0.030 ± 0.004
0.157 ± 0.004
inches
0.75 ± 0.10
4.00 ± 0.10
mm
0.030 ± 0.004
inches
0.75 ± 0.10
mm
P
RMEF1210
RMEF1206
W
E
F
B
RMEF0603
A
RMEF0402
T
RMEF1206
RMEF0805
RMEF1210
G
H
ØD
1.50 +0.10/-0
0.059 +0.004/-0
RMEF0402
RMEF0603
RMEF0805



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com