Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMEF Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RMEF
Description  General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMEF Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RMEF Datasheet HTML 1Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev Date: 8/27/2021
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMEF Series
General Purpose Thick Film Chip Resistor
100% RoHS Compliant Without Exemption
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Nickel barrier terminations standard
•
Power derating from 100% at 70ºC to zero at +155ºC
•
AEC-Q200 compliant
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Electrical Specifications - Jumper
1%
5%
± 400
± 250
± 100
± 100
± 250
± 100
± 100
± 200
± 100
± 100
± 200
± 100
± 100
± 200
± 100
± 100
± 200
± 100
± 100
± 200
± 100
± 100
± 200
± 100
0.75
RMEF1812
300
RMEF1206
0.25
RMEF1210
0.5
RMEF0603
RMEF0805
RMEF0402
Max.
Jumper Current
(A)
1
0.063
50
100
Type / Code
Power Rating
(W)
@ 70ºC
2
2
Max.
Working
Voltage (V)
Max.
Overload
Voltage (V)
75
150
150
TCR (ppm/ºC)
100K - 10M
1 - 9.76
10 - 97.6K
1 - 9.76
10 - 97.6K
1 - 9.76
100K - 10M
Ohmic Range (Ω)
and Tolerance
(1)
(1) Tighter tolerances available. Contact Stackpole Electronics.
1 - 9.76
10 - 97.6K
1
1 - 9.76
3
0.1
200
400
1
0.75
0.125
10 - 97.6K
100K - 10M
10 - 97.6K
100K - 10M
Operating temperature range is -55ºC to +155ºC
100K - 10M
100K - 10M
1 - 9.76
10 - 97.6K
100K - 10M
100K - 10M
RMEF2010
RMEF2512
10 - 97.6K
1 - 9.76
3
1 - 9.76
10 - 97.6K
3
3
RMEF0402
RMEF0603
RMEF0805
RMEF1206
RMEF1210
RMEF2010
RMEF2512
0.05 Max.
Jumper Resistance Value (Ω)
Type / Code
Jumper Rated Current (A)
Max Overload Current (A)
<1 second and 1 time
10
3
1
2


Similar Part No. - RMEF

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RMEF SEI-RMEF Datasheet
544Kb / 10P
General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
10/24/2022
RMEF0402 SEI-RMEF0402 Datasheet
544Kb / 10P
General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
10/24/2022
RMEF0402FT0R00 SEI-RMEF0402FT0R00 Datasheet
544Kb / 10P
General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
10/24/2022
RMEF0402FT100K SEI-RMEF0402FT100K Datasheet
544Kb / 10P
General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
10/24/2022
RMEF0402FT10R0 SEI-RMEF0402FT10R0 Datasheet
544Kb / 10P
General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
10/24/2022
More results

Similar Description - RMEF

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RC0201 TAITRON-RC0201 Datasheet
534Kb / 7P
Thick Film Chip Resistor General Purpose
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
Thick Film Chip Resistor General Purpose
RC0603 TAITRON-RC0603 Datasheet
547Kb / 8P
Thick Film Chip Resistor General Purpose
RC0805 TAITRON-RC0805 Datasheet
548Kb / 7P
Thick Film Chip Resistor General Purpose
RC1206 TAITRON-RC1206 Datasheet
548Kb / 7P
Thick Film Chip Resistor General Purpose
RC1210 TAITRON-RC1210 Datasheet
547Kb / 7P
Thick Film Chip Resistor General Purpose
RC2010 TAITRON-RC2010 Datasheet
537Kb / 7P
Thick Film Chip Resistor General Purpose
RC2512 TAITRON-RC2512 Datasheet
537Kb / 7P
Thick Film Chip Resistor General Purpose
logo
IRC - a TT electronics ...
WCR-WCR00201LF-1001-J-P IRCTT-WCR-WCR00201LF-1001-J-P Datasheet
236Kb / 3P
General Purpose Thick Film Chip Resistor
logo
Stackpole Electronics, ...
RMEF SEI-RMEF_V01 Datasheet
544Kb / 10P
General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
10/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com