Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMEF Datasheet(PDF) 9 Page - Stackpole Electronics, Inc.

Part # RMEF
Description  General Purpose Thick Film Chip Resistor 100% RoHS Compliant Without Exemption
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RMEF Datasheet(HTML) 9 Page - Stackpole Electronics, Inc.

Back Button RMEF Datasheet HTML 2Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 3Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 4Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 5Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 6Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 7Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 8Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 9Page - Stackpole Electronics, Inc. RMEF Datasheet HTML 10Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Rev Date: 8/27/2021
9
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RMEF Series
General Purpose Thick Film Chip Resistor
100% RoHS Compliant Without Exemption
Stackpole Electronics, Inc.
Resistive Product Solutions
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet
the various regulatory
requirements now prevalent, such as the European Union’s directive regarding “Restrictions on
Hazardous Substances” (RoHS 3). As part of this ongoing program, we periodically update this document with the status
regarding the availability of our compliant components. All our standard part numbers are compliant to EU Directive
2011/65/EU of the European Parliament as amended by Directive (EU) 2015/863/EU as regards the list of restricted
substances.
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined i
n the “conflict region”
of the eastern Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals
used in the electronics industry is very complex, we work closely with our own suppliers to verify to the extent possible
that the materials and products we supply do not contain metals sourced from this conflict region. As such, we are in
compliance with the requirements of Dodd-Frank Act regarding Conflict Minerals.
RoHS Compliance Status
1%
#
1%
#
1%
#
1%
#
1%
#
1%
#
10.0
01
14.7
17
21.5
33
31.6
49
46.4
65
68.1
81
10.2
02
15.0
18
22.1
34
32.4
50
47.5
66
69.8
82
10.5
03
15.4
19
22.6
35
33.2
51
48.7
67
71.5
83
10.7
04
15.8
20
23.2
36
34.0
52
49.9
68
73.2
84
11.0
05
16.2
21
23.7
37
34.8
53
51.1
69
75.0
85
11.3
06
16.5
22
24.3
38
35.7
54
52.3
70
76.8
86
11.5
07
16.9
23
24.9
39
36.5
55
53.6
71
78.7
87
11.8
08
17.4
24
25.5
40
37.4
56
54.9
72
80.6
88
12.1
09
17.8
25
26.1
41
38.3
57
56.2
73
82.5
89
12.4
10
18.2
26
26.7
42
39.2
58
57.6
74
84.5
90
12.7
11
18.7
27
27.4
43
40.2
59
59.0
75
86.6
91
13.0
12
19.1
28
28.0
44
41.2
60
60.4
76
88.7
92
13.3
13
19.6
29
28.7
45
42.2
61
61.9
77
90.9
93
13.7
14
20.0
30
29.4
46
43.2
62
63.4
78
93.1
94
14.0
15
20.5
31
30.1
47
44.2
63
64.9
79
95.3
95
14.3
16
21.0
32
30.9
48
45.3
64
66.5
80
97.6
96
E96
EXAMPLE:
25C
25 means 17.8 and C = 1,000
17.8 x 1,000 = 17.8 K ohm
93D
93 means 90.9 and D = 10,000
90.9 x 10,000 = 909 K ohm
Chip Marking
Explanation
Value
01B
01 means 10.0 and B = 100
10.0 x 100 = 1 K ohm
RMEF
General Purpose Thick Film
Surface Mount Chip Resistor
100% Lead Free
SMD
YES
100% Matte Sn over Ni
Always
Always
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com