Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4DISCOVERY-50W Datasheet(PDF) 5 Page - 4D Systems Pty Ltd

Part # 4DISCOVERY-50W
Description  Wall Mountable Display Solution
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

4DISCOVERY-50W Datasheet(HTML) 5 Page - 4D Systems Pty Ltd

  4DISCOVERY-50W Datasheet HTML 1Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 2Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 3Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 4Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 5Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 6Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 7Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 8Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 9Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Wall Mountable Display Solution
4Discovery-50
Page 5 of 43
www.4dsystems.com.au
3. Configurations – Daughter Boards
There is a daughter board inside the 4Discovery 5” module which is permanently attached at the factory.
There are multiple configurations that the 4Discovery 5” can be ordered in. The default configuration utilizes a
daughter board called DB01. Unless otherwise stated, 4Discovery 5” is assumed to have DB01 installed.
DB01 is the standard daughter board, and DB02 is a alternative providing different communication options. It is
possible to also have a custom Daughter board designed to suit various customer requirements. The daughter board
holds the 2x RJ45 Jacks which present at the back of the 4Discovery 5” module and is a separate PCB to the main
4Discovery PCB, connected with soldered header pins.
The Daughter Board is not user removable and is installed during manufacturing of the 4Discovery module.
Please ensure to contact our Sales team to discuss your requirements, as customisations are possible.
3.1. Daughter Board DB01
DB01 refers to ‘Daughter Board 01’ – Which is the default configuration which the 4Discovery 5” is sold in. Unless
otherwise stated, 4Discovery 5” is assumed to have DB01 installed.
DB01 is a secondary PCB which is soldered onto the main PCB at the 4D Systems factory, and provides a looped dual
port RS485 communications bus, which communicates to the electronics on the 4Discovery main PCB.
This default configuration enables RS485 communications using a 2-wire bus, and the dual RJ45 ports mean you can
daisy chain multiple modules or other RS485 devices together on the bus, without the need for RS485 hubs or
splitters.
In this configuration, to program the 4Discovery you will need the RS485 Programmer, which is discussed in a later
section of this document.
3.2. Daughter Board DB02
DB02 refers to ‘Daughter Board 02’ – Which is a secondary configuration for the 4Discovery 5” and is available on
request by discussing with our Sales team.
Like DB01, the DB02 is a daughter board which is mounted at our factory and provides various communication
options to the Diablo16 processor. It also features dual RJ45 ports, however the pinout is different for each port.
DB02 features an RS232 communications port, a UART communications port, and 3 GPIO (including an I2C port).
This option is useful when using the 4Discovery in local control applications, such as on a machine or to a local
controller, where RS485 is not required. These communication signals are available across the 2 RJ45 ports, please
refer to the pinout in Section 4 for more information.
In this configuration, to program the 4Discovery you will program it over the serial UART, which is found on the RJ45
PORT 1, details can be found in later sections of this document.
3.3. Future
At the time of writing this document, 2 daughter board options were available, however more may be listed in the
future.
If an application warrants a completely custom daughter board to be designed and produced, this is possible, please
refer to Section 9 for some more information, and be sure to contact our Sales team.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com