Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4DISCOVERY-50W Datasheet(PDF) 6 Page - 4D Systems Pty Ltd

Part # 4DISCOVERY-50W
Description  Wall Mountable Display Solution
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

4DISCOVERY-50W Datasheet(HTML) 6 Page - 4D Systems Pty Ltd

Back Button 4DISCOVERY-50W Datasheet HTML 2Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 3Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 4Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 5Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 6Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 7Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 8Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 9Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 10Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Wall Mountable Display Solution
4Discovery-50
Page 6 of 43
www.4dsystems.com.au
4. RJ45 Pin Configuration and Summary
4.1. DB01 Pin Configuration
I = Input, O = Output, P = Power
Note: PORT1 and PORT2 on the Standard Daughter board (DB01), are identical. They are looped together to enable
daisy chaining the RS485 bus and contain the same signals as each other.
Both PORT1 and PORT2 can be used with the RS485 Programmer.
Standard Model (using DB01) – Dual Looped RJ45 Pinout (Both PORT1 and PORT2)
Pin
Symbol
I/O
Description
1
VIN
P
7.0V to 30VDC Input. Recommended range is 12V to 24V. This is the primary
power source of the 4Discovery.
2
A
I/O
485 A Signal (non-Inverting) pulled to 3.3V internally, terminated to B with
120ohm.
3
B
I/O
485 B Signal (Inverting), pulled to GND internally, terminated to A with 120ohm.
4
GND
P
System Ground, relevant to VIN and 5V_IN
5
GND
P
System Ground, relevant to VIN and 5V_IN
6
5V_IN
P
5.0VDC Input. This is typically only used to power the 4Discovery from the 4D
485 Programmer, however, can be used to power the 4Discovery if a higher
voltage power source into VIN is not available. Should be in the range of 4.5V to
5.5V, nominal 5.0V. Please see relevant section on System Pins. Take note of
voltage drop across long cables, and the current requirements of the module,
especially when powering off 5V.
7
TURN
I
Primarily used by the 4D 485 Programmer in conjunction to programming the
4Discovery, however can also be from an external device which is acting as Host
when 4Discovery is programmed to be a slave. This is an input only to the
4Discovery (PA14). When 4Discovery is a Master, the slaves must determine the
direction of transmit/receive themselves using an Auto Turnaround 485 IC or
circuit.
8
RESET
I
Reset signal used by the 4D 485 Programmer. Can be used by an external device
if the 4Discovery needs to be reset. Active Low.
PIN 8
PIN 1 PIN 8
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com