Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4DISCOVERY-50W Datasheet(PDF) 7 Page - 4D Systems Pty Ltd

Part # 4DISCOVERY-50W
Description  Wall Mountable Display Solution
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

4DISCOVERY-50W Datasheet(HTML) 7 Page - 4D Systems Pty Ltd

Back Button 4DISCOVERY-50W Datasheet HTML 3Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 4Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 5Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 6Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 7Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 8Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 9Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 10Page - 4D Systems Pty Ltd 4DISCOVERY-50W Datasheet HTML 11Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Wall Mountable Display Solution
4Discovery-50
Page 7 of 43
www.4dsystems.com.au
4.2. DB02 Pin Configuration
I = Input, O = Output, P = Power
Secondary Model (using DB02) – PORT 1
Pin
Symbol
I/O
Description
1
VIN
P
7.0V to 30VDC Input. Recommended range is 12V to 24V. This is the primary
power source of the 4Discovery.
2
RX0
I/O
Connected to the Diablo16 RX0 port, UART Receive, used for Programming
Diablo16, but also for communications to external devices. This pin is 5V
tolerant but operated at 3.3V logic levels.
3
TX0
I/O
Connected to the Diablo16 TX0 port, UART Transmit, used for Programming
Diablo16, but also for communications to external devices. This pin outputs at
3.3V levels but is compatible with 5V logic systems.
4
GND
P
System Ground, relevant to VIN and 5V_IN
5
GND
P
System Ground, relevant to VIN and 5V_IN
6
5V_IN
P
5.0VDC Input. This is typically only used to power the 4Discovery during
programming, however it can be used to power the 4Discovery if a higher
voltage power source into VIN is not available. Should be in the range of 4.5V to
5.5V, nominal 5.0V. Please see relevant section on System Pins. Take note of
voltage drop across long cables, and the current requirements of the module,
especially when powering off 5V.
7
RESET
I
Reset signal used for programming the 4Discovery over the UART. Can be used
by an external device if the 4Discovery needs to be reset. Active Low.
8
GPIO
I
This GPIO is connected to Diablo16 pin PA4. Please refer to the Diablo16
Processor datasheet for specific information on the capabilities of this GPIO.
Secondary Model (using DB02) – PORT 2
Pin
Symbol
I/O
Description
1
VIN
P
7.0V to 30VDC Input. Recommended range is 12V to 24V. This is the primary
power source of the 4Discovery.
2
RS232-TX
I/O
This is connected to the Transmit output of the RS232 transceiver, and is
controlled by Diablo16 pin PA1
3
RS232-RX
I/O
This is connected to the Receive input of the RS232 transceiver, and sends its
data to the Diablo16 pin PA3
4
GND
P
System Ground, relevant to VIN and 5V_IN
5
GND
P
System Ground, relevant to VIN and 5V_IN
6
5V_IN
P
5.0VDC Input. This is typically only used to power the 4Discovery during
programming, however it can be used to power the 4Discovery if a higher
voltage power source into VIN is not available. Should be in the range of 4.5V to
5.5V, nominal 5.0V. Please see relevant section on System Pins. Take note of
voltage drop across long cables, and the current requirements of the module,
especially when powering off 5V.
7
I2C SDA
(or GPIO)
I
This pin is connected to Diablo16 pin PA13, and features in internal pullup
resistor of 4.7Kohm. This pin can be used as an I2C SDA pin, a GPIO, or it could
also function as another hardware serial UART. Please refer to the Diablo16
Processor datasheet for specific information on the capabilities of this GPIO.
8
I2C SCL
(or GPIO)
I
This pin is connected to Diablo16 pin PA12, and features in internal pullup
resistor of 4.7Kohm. This pin can be used as an I2C SCL pin, a GPIO, or it could
also function as another hardware serial UART. Please refer to the Diablo16
Processor datasheet for specific information on the capabilities of this GPIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com