Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP32113 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # AP32113
Description  Connecting Memory to TC1130 External Bus Unit (EBU)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AP32113 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button AP32113 Datasheet HTML 26Page - Infineon Technologies AG AP32113 Datasheet HTML 27Page - Infineon Technologies AG AP32113 Datasheet HTML 28Page - Infineon Technologies AG AP32113 Datasheet HTML 29Page - Infineon Technologies AG AP32113 Datasheet HTML 30Page - Infineon Technologies AG AP32113 Datasheet HTML 31Page - Infineon Technologies AG AP32113 Datasheet HTML 32Page - Infineon Technologies AG AP32113 Datasheet HTML 33Page - Infineon Technologies AG AP32113 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
AP32113
Connecting Memory to the TC1130 External Bus Unit
(EBU)
Application Note
30
V1.0, 2006-02
3.7
Register settings for various SDRAM Devices
3.7.1
Registers Independent of Device Type
3.7.1.1
EBUCON - EBU Configuration Register
Table 7
EBUCON Register Settings
3.7.1.2
BUSCONx - EBU Bus Configuration Register
Table 8
BUSCON Register Settings
SDRMRE
F
REFRESHC Number of clock cycles
between refresh operations
Tref in device data sheet
REFRESHR Number of refresh command Refer to device data sheet
1) The terms used in this column are based on the Intel PC SDRAM Specification, Revision 1.7 except T
ref.
Registers
Setting
Function
EBU_CON
0x04F9 FF68
1:1 mode, clock gating on
0x00F9 FF681)
1) The option is fastest setting and verified on TC1130 Triboard
1:1 mode, clock gating off
0x05F9 FF68
1:2 mode, clock gating on
0x01F9 FF68
1:2 mode, clock gating off
Registers
Setting
Function
BUSCON
0x30700000
SDRAM Type 0 & 16 bit port width
0x30B00000
Prefetch Off, SDRAM Type 0 & 32 bit
port width
0x40700000
SDRAM Type 1 & 16 bit port width
0x40B00000
SDRAM Type 1 & 32 bit port width
0x30B400001)
1) The option is fastest setting and verified on TC1130 Triboard
Prefetch On, SDRAM Type 0 & 32 bit
port width
Table 6
The relationship between register definition and parameters
Register
Bit Field
Function Description
Corresponding to1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com