Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP32113 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # AP32113
Description  Connecting Memory to TC1130 External Bus Unit (EBU)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AP32113 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button AP32113 Datasheet HTML 9Page - Infineon Technologies AG AP32113 Datasheet HTML 10Page - Infineon Technologies AG AP32113 Datasheet HTML 11Page - Infineon Technologies AG AP32113 Datasheet HTML 12Page - Infineon Technologies AG AP32113 Datasheet HTML 13Page - Infineon Technologies AG AP32113 Datasheet HTML 14Page - Infineon Technologies AG AP32113 Datasheet HTML 15Page - Infineon Technologies AG AP32113 Datasheet HTML 16Page - Infineon Technologies AG AP32113 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
AP32113
Connecting Memory to the TC1130 External Bus Unit
(EBU)
Application Note
13
V1.0, 2006-02
2.4.2.4
Clock Feedback Enable
The sampling stages for flash read data (and WAIT) can be set to use a clock fed back
from the flash clock pin. This intended to increase operating speed by allowing a full
period of BFCLK for data to propagate from the flash to the data inputs of the first
sampling flip-flops. This does not allow use of an externally generated clock with burst
flash devices. This additional operating margin comes at the expense of increased
latency as the extra stages needed add two BFCLK cycles to the time required to access
data.
Clock feedback is enabled by setting BFCON.FDBKEN and the necessary latency is
programmed into the BFCON.DTALTNCY field. This must be 2*(n+1), where n is the
value in BFCON.EXTCLOCK.
2.4.2.5
Device Type Selection
BUSCON.CTYPE can be used to support different ways of connecting address
information to the burst flash. BUSCON.CTYPE=00B is for standard device
configurations with a separate address bus. When set to 01B, the address is driven onto
the data bus during the address and address hold phases of the access for those
devices with a multiplexed address and data bus. If BUSCON.PORTW=10B and
BUSCON.CTYPE=10B, the same 16 bit address is driven onto the upper and lower
halves of the data bus during the address and address hold phases. This is to enable the
use of 2, 16 bit wide, multiplexed devices to make a 32 bit wide memory region. If
BUSCON.PORTW=01B and BUSCON.CTYPE=11B, then the 16 LSBs of the address
are driven onto the upper 16 bits of the data bus for all phases of the access. This is a
pin saving mode intended to allow the use of a 16 bit standard burst flash with 32 bit
multiplexed devices without having to provide all the bits of a separate address bus. Note
that in all the multiplexed addressing modes, the address is still driven onto the address
bus pins for all phases of the access.
2.4.2.6
WAIT Signal Control
Without Wait
Operation
without
wait
is
configured
by
setting
BUSCON.WAIT=00B or
BFCON.WAITFUNC set to “terminate burst” (1) and BUSCON.WAIT to 01B or 10B. Note
that no devices have been found that operate successfully in “terminate burst” mode
unless BUSCON.WAIT is set to 10B. Also “terminate burst” is incompatible with clock
feedback.
In this mode, the burst flash controller will generate the exact number of burst phases
necessary to complete the requested access. To do this, it uses the opcode of the
transaction and the port width of the memory region being accesses (defined by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com