Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP32113 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # AP32113
Description  Connecting Memory to TC1130 External Bus Unit (EBU)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AP32113 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button AP32113 Datasheet HTML 17Page - Infineon Technologies AG AP32113 Datasheet HTML 18Page - Infineon Technologies AG AP32113 Datasheet HTML 19Page - Infineon Technologies AG AP32113 Datasheet HTML 20Page - Infineon Technologies AG AP32113 Datasheet HTML 21Page - Infineon Technologies AG AP32113 Datasheet HTML 22Page - Infineon Technologies AG AP32113 Datasheet HTML 23Page - Infineon Technologies AG AP32113 Datasheet HTML 24Page - Infineon Technologies AG AP32113 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
AP32113
Connecting Memory to the TC1130 External Bus Unit
(EBU)
Application Note
21
V1.0, 2006-02
3. Now the code is ready to compile.
4. Compile the BlinkyFlash program and copy the elf file to appropriate directory (obj)
in Flash load Program. This FlashLoad Program is used to load the blinky application
in to Burst flash device.
5. Load the FlashLoad program using the debugger and run it.
Note: This should run the FlashLoad program from SDRAM, starting at address
0xA4000000. Indeed, the Flash needs to be located at 0xA0000000.
6. Launch the CrossViewPro debugger and run, It will open a Terminal window: FSS0.
This is the link between the Tricore and your hard-drive where the 'BlinkyFlash.elf' file
is stored.
Note: you might have to change the execution environment configuration file if you have
installed Tasking somewhere else than the default location: 'c:\program
files\tasking\ctc v2.0\etc\infineon_triboard_tc1130.cfg'
Note: FlashLoad program should be written in such way to ask for the application elf file
as described above
7. In the 'Terminal' window, enter 'obj\BlinkyFlash.elf' (without quotes), If the File and
your Flash are recognized, the program first erases the Flash and then programs it.
8. Put the OCDS Jumper (close to the serial port) to Position 2
Note: Refer to the Triboard Manual for details
9. Change the Jumper Settings to 'OFF-OFF-ON'
Note: This is the normal setting for external boot from 0xA0000000
10. You can press the Reset Button
Note: Once again you can see that the LED is blinking slower than when it was running
from SDRAM. The Flash is indeed a slower device than an SDRAM. The EBU
parameters used here are really basic. Those parameters need to be optimized by
looking deeper in the Flash device datasheet.
2.8.1
Bus Access Timings for Interfacing Intel BF device to TC1130
EBU
As explained earlier all major timings parameters of EBU can be programmed as to meet
the external device specifications, BUSCON.MULTMAP parameter is used to decide for
which time component a multiplier is used.
Below figures show an example of accessing an Intel-Style demultiplexed device for
both read and write accesses. This shows the insertion of delay cycles (shown shaded)
to adjust the access cycle to the device’s timing requirements. Both read and write
accesses begin with a two cycle Address Phase followed by a two cycle Command
Delay Phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com