Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9E104FJ Datasheet(PDF) 11 Page - Rohm

Part # BD9E104FJ
Description  7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E104FJ Datasheet(HTML) 11 Page - Rohm

Back Button BD9E104FJ Datasheet HTML 7Page - Rohm BD9E104FJ Datasheet HTML 8Page - Rohm BD9E104FJ Datasheet HTML 9Page - Rohm BD9E104FJ Datasheet HTML 10Page - Rohm BD9E104FJ Datasheet HTML 11Page - Rohm BD9E104FJ Datasheet HTML 12Page - Rohm BD9E104FJ Datasheet HTML 13Page - Rohm BD9E104FJ Datasheet HTML 14Page - Rohm BD9E104FJ Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11/30
TSZ02201-0F3F0AJ00170-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
11.Dec.2017 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD9E104FJ
Typical Performance Curves (Application)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0
500
1000
Output Current : IOUT[mA]
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
7
9
11
13
15
17
19
21
23
25
VIN Input Voltage : VIN[V]
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current : IOUT[mA]
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Output Current
: IOUT[mA]
Figure 18. Efficiency vs Output Current
(VOUT=5.0 V)
Figure 19. Efficiency vs Output Current
(VOUT=3.3 V)
Figure 20. VOUT Load Regulation
Figure 21. VOUT Line Regulation
VEN=3.0 V
VOUT=5.0 V
VIN=24 V
VIN=18 V
VIN=12 V
VEN=3.0 V
VOUT=3.3 V
VIN=7 V
VIN=12 V
VIN=18 V
VIN=12.0 V
VOUT=5.0 V
VOUT=5.0 V
IOUT=1.0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com