Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9E104FJ Datasheet(PDF) 5 Page - Rohm

Part # BD9E104FJ
Description  7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E104FJ Datasheet(HTML) 5 Page - Rohm

  BD9E104FJ Datasheet HTML 1Page - Rohm BD9E104FJ Datasheet HTML 2Page - Rohm BD9E104FJ Datasheet HTML 3Page - Rohm BD9E104FJ Datasheet HTML 4Page - Rohm BD9E104FJ Datasheet HTML 5Page - Rohm BD9E104FJ Datasheet HTML 6Page - Rohm BD9E104FJ Datasheet HTML 7Page - Rohm BD9E104FJ Datasheet HTML 8Page - Rohm BD9E104FJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5/30
TSZ02201-0F3F0AJ00170-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
11.Dec.2017 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD9E104FJ
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
-0.3 to +30.0
V
EN Pin Voltage
VEN
-0.3 to +30.0
V
Voltage from GND to BOOT
VBOOT
-0.3 to +35.0
V
Voltage from SW to BOOT
ΔVBOOT
-0.3 to +7.0
V
FB Pin Voltage
VFB
-0.3 to +7.0
V
COMP Pin Voltage
VCOMP
-0.3 to +7.0
V
SW Pin Voltage
VSW
-0.5 to +30.0
V
Maximum Junction Temperature
Tjmax
150
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Caution 1: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Caution 2: Should by any chance the maximum junction temperature rating be exceeded the rise in temperature of the chip may result in deterioration of the
properties of the chip. In case of exceeding this absolute maximum rating, design a PCB boards with thermal resistance taken into consideration by
increasing board size and copper area so as not to exceed the maximum junction temperature rating.
Thermal Resistance(Note 1)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s(Note 3)
2s2p(Note 4)
SOP-J8
Junction to Ambient
θJA
149.3
76.9
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
18
11
°C/W
(Note 1) Based on JESD51-2A(Still-Air)..
(Note 2)The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3) Using a PCB board based on JESD51-3.
(Note 4) Using a PCB board based on JESD51-7.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70
μm
Layer Number of
Measurement Board
Material
Board Size
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70
μm
74.2mm x 74.2mm
35
μm
74.2mm x 74.2mm
70
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com