Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9E104FJ Datasheet(PDF) 16 Page - Rohm

Part # BD9E104FJ
Description  7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E104FJ Datasheet(HTML) 16 Page - Rohm

Back Button BD9E104FJ Datasheet HTML 12Page - Rohm BD9E104FJ Datasheet HTML 13Page - Rohm BD9E104FJ Datasheet HTML 14Page - Rohm BD9E104FJ Datasheet HTML 15Page - Rohm BD9E104FJ Datasheet HTML 16Page - Rohm BD9E104FJ Datasheet HTML 17Page - Rohm BD9E104FJ Datasheet HTML 18Page - Rohm BD9E104FJ Datasheet HTML 19Page - Rohm BD9E104FJ Datasheet HTML 20Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16/30
TSZ02201-0F3F0AJ00170-1-2
© 2017 ROHM Co., Ltd. All rights reserved.
11.Dec.2017 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD9E104FJ
Function Description
1.
DC/DC converter operation
BD9E104FJ is a synchronous rectifying step-down switching regulator that achieves faster transient response by
employing current mode PWM control system.
It utilizes switching operation in PWM (Pulse Width Modulation) mode
for heavier load, while it utilizes SLLMTM (Simple Light Load Mode) control for lighter load to improve efficiency.
Figure 39. SW Waveform (1: SLLMTM control)
(VIN=12 V, VOUT=5.0 V, IOUT=10 mA)
Figure 40. SW Waveform (2: PWM control)
(VIN= 12 V, VOUT=5.0 V, IOUT=1 A)
1: SLLMTM control
2: PWM control
Figure 38. Efficiency (SLLMTM control and PWM control)
Time=5 µs/div
Time=2 µs/div
VSW=5 V/div
VOUT=50 mV/div
VSW=5 V/div
VOUT=50 mV/div
2: PWM control
Output Current: IOUT [A]
1: SLLMTM control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com