Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB30N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB30N80K5
Description  N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STB30N80K5 Datasheet HTML 1Page - STMicroelectronics STB30N80K5 Datasheet HTML 2Page - STMicroelectronics STB30N80K5 Datasheet HTML 3Page - STMicroelectronics STB30N80K5 Datasheet HTML 4Page - STMicroelectronics STB30N80K5 Datasheet HTML 5Page - STMicroelectronics STB30N80K5 Datasheet HTML 6Page - STMicroelectronics STB30N80K5 Datasheet HTML 7Page - STMicroelectronics STB30N80K5 Datasheet HTML 8Page - STMicroelectronics STB30N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2016
DocID028737 Rev 2
1/16
This is information on a product in full production.
www.st.com
STB30N80K5
N-
channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5
Power MOSFET in a D²PAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STB30N80K5
800 V
0.18 Ω
24 A
Industry’s lowest RDS(on) x area
Industry’s best FoM (figure of merit)
Ultra-low gate charge
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This very high voltage N-channel Power
MOSFET is designed u
sing MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
Table 1: Device summary
Order code
Marking
Package
Packaging
STB30N80K5
30N80K5
D²PAK
Tape and reel
1
3
TAB
D²PAK
2


Similar Part No. - STB30N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30N10 STMICROELECTRONICS-STB30N10 Datasheet
43Kb / 5P
N - CHANNEL 100V - 0.06ohm - 30A - D2PAK POWER MOS TRANSISTOR
Sep-1998
STB30N65DM6AG STMICROELECTRONICS-STB30N65DM6AG Datasheet
399Kb / 15P
Power MOSFET in a D²PAK package
14-Jun-2021
STB30N65M2AG STMICROELECTRONICS-STB30N65M2AG Datasheet
1Mb / 15P
Automotive-grade N-channel 650 V, 0.15 typ., 20 A MDmesh M2 Power MOSFET in a D²PAK package
18-Dec-2019
STB30N65M5 STMICROELECTRONICS-STB30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
logo
Inchange Semiconductor ...
STB30N65M5 ISC-STB30N65M5 Datasheet
314Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB30N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STB17N80K5 STMICROELECTRONICS-STB17N80K5 Datasheet
921Kb / 15P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a D²PAK package
20-May-2016
STD4LN80K5 STMICROELECTRONICS-STD4LN80K5 Datasheet
814Kb / 15P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a DPAK package
18-May-2016
STD9N80K5 STMICROELECTRONICS-STD9N80K5 Datasheet
387Kb / 19P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFET in a DPAK package
12-Nov-2018
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STP14N80K5 STMICROELECTRONICS-STP14N80K5 Datasheet
725Kb / 14P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220 package
04-Mar-2016
STP17N80K5 STMICROELECTRONICS-STP17N80K5 Datasheet
739Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220 package
19-May-2016
STW30N80K5 STMICROELECTRONICS-STW30N80K5 Datasheet
723Kb / 13P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a TO-247 package
21-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com