Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB30N80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB30N80K5
Description  N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30N80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STB30N80K5 Datasheet HTML 1Page - STMicroelectronics STB30N80K5 Datasheet HTML 2Page - STMicroelectronics STB30N80K5 Datasheet HTML 3Page - STMicroelectronics STB30N80K5 Datasheet HTML 4Page - STMicroelectronics STB30N80K5 Datasheet HTML 5Page - STMicroelectronics STB30N80K5 Datasheet HTML 6Page - STMicroelectronics STB30N80K5 Datasheet HTML 7Page - STMicroelectronics STB30N80K5 Datasheet HTML 8Page - STMicroelectronics STB30N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB30N80K5
Electrical ratings
DocID028737 Rev 2
3/16
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
800
V
VGS
Gate-source voltage
±30
V
ID
Drain current (continuous) at TC = 25 °C
24
A
ID
Drain current (continuous) at TC = 100 °C
15
A
IDM(1)
Drain current (pulsed)
96
A
PTOT
Total dissipation at TC = 25 °C
250
W
dv/dt(2)
Peak diode recovery voltage slope
4.5
V/ns
dv/dt(3)
MOSFET dv/dt ruggedness
50
Tstg
Storage temperature range
- 55 to 150
°C
Tj
Operating junction temperature range
Notes:
(1)Pulse width limited by safe operating area.
(2)ISD< 24 A, di/dt < 100 A/µs, VDSpeak < V (BR)DSS, VDD= 80% V(BR)DSS
(3)VDS= 640 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.5
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb
30
°C/W
Notes:
(1)When mounted on FR-4 board of 1 inch², 2 oz Cu
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax.)
8
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
440
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com