Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574S60E3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPC574S60E3
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC574S60E3 Datasheet HTML 9Page - STMicroelectronics SPC574S60E3 Datasheet HTML 10Page - STMicroelectronics SPC574S60E3 Datasheet HTML 11Page - STMicroelectronics SPC574S60E3 Datasheet HTML 12Page - STMicroelectronics SPC574S60E3 Datasheet HTML 13Page - STMicroelectronics SPC574S60E3 Datasheet HTML 14Page - STMicroelectronics SPC574S60E3 Datasheet HTML 15Page - STMicroelectronics SPC574S60E3 Datasheet HTML 16Page - STMicroelectronics SPC574S60E3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
DS10601 Rev 6
13/77
SPC574Sx
Package pinouts and signal descriptions
76
2
Package pinouts and signal descriptions
2.1
Package pinouts
The eTQFP100 pinout is provided in the following figure. For pin signal descriptions, please
refer to the device reference manual.
Figure 2. eTQFP 100-pin configuration
2.2
Pin descriptions
The following sections provide signal descriptions and related information about the
functionality and configuration of the SPC574Sx devices.
For information on the signal descriptions and related information about the functionality and
configuration of the SPC574Sx devices, refer to the “Signal description” chapter in the
devices’ reference manual.
2.3
Package pads/pins
Table 4 shows the cross-mapping between pads and the eTQFP100 pinout.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
FCCU_F0
PA[0]
PA[1]
PA[2]
PA[3]
PA[4]
PA[5]
PA[6]
PA[7]
PA[8]
PA[9]
PA[10]
PA[11]
PA[12]
PA[13]
PA[14]
PA[15]
PB[0]
VDD_LV
VDD_HV_IO_MAIN
PB[1]
PB[2]
PB[3]
PB[4]
PB[5]
PD[8]
PD[7]
PD[6]
PD[5]
PD[4]
PD[3]
PD[2]
VDD_LV
PD[1]
PORST
PD[0]
TESTMODE
TCK
PC[15]
TDO
TMS
TDI
PC[14]
PC[13]
PC[12]
VDD_HV_OSC
XTAL
EXTAL
VDD_LV
VDD_HV_IO
eTQFP100
Note:
Availability of port pin alternate functions depends on product selection.
Top view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com