Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574S60E3 Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPC574S60E3
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPC574S60E3 Datasheet HTML 32Page - STMicroelectronics SPC574S60E3 Datasheet HTML 33Page - STMicroelectronics SPC574S60E3 Datasheet HTML 34Page - STMicroelectronics SPC574S60E3 Datasheet HTML 35Page - STMicroelectronics SPC574S60E3 Datasheet HTML 36Page - STMicroelectronics SPC574S60E3 Datasheet HTML 37Page - STMicroelectronics SPC574S60E3 Datasheet HTML 38Page - STMicroelectronics SPC574S60E3 Datasheet HTML 39Page - STMicroelectronics SPC574S60E3 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
Electrical characteristics
SPC574Sx
36/77
DS10601 Rev 6
Figure 6. Power management infrastructure
3.11.2
Voltage regulator electrical characteristics
The device implements an internal voltage regulator to generate the low voltage core supply
VDD_LV from the high voltage ballast supply VDD_HV_IO. The regulator itself is supplied by
VDD_HV_IO.
The following supplies are involved:
•
HV—High voltage external power supply for the voltage regulator module. This must be
provided externally through the VDD_HV_OSC power pin.
•
BV—High voltage external power supply for the internal ballast module. This must be
provided externally through the VDD_HV_IO power pins. Voltage values should be
aligned with VDD_HV_OSC.
•
LV—Low voltage internal power supply for the core, PLL0 and flash digital logic. This is
generated by the internal voltage regulator but provided outside to connect stability
capacitor. It is split into three further domains to ensure noise isolation between critical
LV modules within the device:
–
LV_COR—Low voltage supply for the core. It is also used to provide supply for
PLL1 through double bonding.
–
LV_FLA—Low voltage supply for the code flash module. It is supplied with
dedicated ballast and shorted to LV_COR through double bonding.
–
LV_PLL—Low voltage supply for PLL1. It is shorted to LV_COR through double
bonding.
The concept scheme of the power connections is shown below in Figure 7.
PCU
PMC_dig
PMC_ana
MC_CGM
MC_ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com