Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574S60E3 Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPC574S60E3
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPC574S60E3 Datasheet HTML 30Page - STMicroelectronics SPC574S60E3 Datasheet HTML 31Page - STMicroelectronics SPC574S60E3 Datasheet HTML 32Page - STMicroelectronics SPC574S60E3 Datasheet HTML 33Page - STMicroelectronics SPC574S60E3 Datasheet HTML 34Page - STMicroelectronics SPC574S60E3 Datasheet HTML 35Page - STMicroelectronics SPC574S60E3 Datasheet HTML 36Page - STMicroelectronics SPC574S60E3 Datasheet HTML 37Page - STMicroelectronics SPC574S60E3 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
Electrical characteristics
SPC574Sx
34/77
DS10601 Rev 6
Figure 5. Noise filtering on reset signal
VIL
VIH
VDD
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset
internal
reset
1
2
3a
3b
3c
VHYS
VPORST
Table 19. Reset electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIH
SR P
Input high level TTL
(Schmitt trigger)
—
2.0
—
—
V
VIL
SR P
Input low level TTL
(Schmitt trigger)
3.0 V < VDD_HV_IO <3.6 V
—
—
0.6
V
4.5 V < VDD_HV_IO <5.5 V
—
—
0.8
VHYS
CC C
Input hysteresis TTL
(Schmitt trigger)
—
300
—
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com