Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEF07N8 Datasheet(PDF) 4 Page - Chino-Excel Technology

Part # CEF07N8
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEF07N8 Datasheet(HTML) 4 Page - Chino-Excel Technology

  CEF07N8 Datasheet HTML 1Page - Chino-Excel Technology CEF07N8 Datasheet HTML 2Page - Chino-Excel Technology CEF07N8 Datasheet HTML 3Page - Chino-Excel Technology CEF07N8 Datasheet HTML 4Page - Chino-Excel Technology CEF07N8 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6-140
with Temperature
Figure 6. Breakdown Voltage Variation
with Temperature
with Drain Current
IDS, Drain-Source Current (A)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VSD, Body Diode Forward Voltage (V)
Tj, Junction Temperature ( C)
Tj, Junction Temperature ( C)
Figure 5. Gate Threshold Variation
Figure 7. Transconductance Variation
Figure 3. Capacitance
VDS, Drain-to Source Voltage (V)
CEF07N8
1.30
1.20
1.10
1.0
0.90
0.80
0.70
0.60
-50 -25
0
25
50
75
100 125 150
VDS=VGS
ID=250 A
-50
-25
0
25
50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250 A
Figure 4. On-Resistance Variation with
Temperature
TJ, Junction Temperature( C)
-100
-50
0
50
100
200
2.2
1.9
1.6
1.3
1.0
0.7
0.4
VGS=10V
ID=4
150
Ciss
Coss
Crss
1800
1500
1200
900
600
300
0
0
5
10
15
20
25
20
10
0.1
1
0.4
0.6
0.8
1.2
1.0
VGS=0V
3
4
0
1
2
0
1
23
4
VDS=50V
4
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com