Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEF07N8 Datasheet(PDF) 1 Page - Chino-Excel Technology

Part # CEF07N8
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEF07N8 Datasheet(HTML) 1 Page - Chino-Excel Technology

  CEF07N8 Datasheet HTML 1Page - Chino-Excel Technology CEF07N8 Datasheet HTML 2Page - Chino-Excel Technology CEF07N8 Datasheet HTML 3Page - Chino-Excel Technology CEF07N8 Datasheet HTML 4Page - Chino-Excel Technology CEF07N8 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
800
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FEATURES
800V , 4A , RDS(ON)=2
@VGS=10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handling capability.
TO-220F full-pak for through hole
ABSOLUTE MAXIMUM RATINGS (Tc=25 C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
V
Gate-Source Voltage
VGS
30
V
-Pulsed
ID
4
A
IDM
A
Drain-Source Diode Forward Current
IS
4
A
Maximum Power Dissipation
PD
W
Operating and Storage Temperautre Range
TJ,TSTG
-55 to 150
C
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
R JC
R JA
2.5
65
/W
C
/W
C
Ω
@Tc=25 C
Derate above 25 C
50
0.4
W/ C
Drain Current-Continuous
S
G
D
6-137
PRELIMINARY
12
CEF07N8
TO-220F
S
D
G
6


Similar Part No. - CEF07N8

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CEF07N8 CET-MOS-CEF07N8 Datasheet
444Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.Dec
More results

Similar Description - CEF07N8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com