Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF34N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF34N65M5
Description  N-channel 650 V, 0.09 Ω typ., 28 A MDmesh™ V Power MOSFETs in TO-220FP, I2PAKFP, I2PAK packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF34N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF34N65M5 Datasheet HTML 2Page - STMicroelectronics STF34N65M5 Datasheet HTML 3Page - STMicroelectronics STF34N65M5 Datasheet HTML 4Page - STMicroelectronics STF34N65M5 Datasheet HTML 5Page - STMicroelectronics STF34N65M5 Datasheet HTML 6Page - STMicroelectronics STF34N65M5 Datasheet HTML 7Page - STMicroelectronics STF34N65M5 Datasheet HTML 8Page - STMicroelectronics STF34N65M5 Datasheet HTML 9Page - STMicroelectronics STF34N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STF34N65M5, STFI34N65M5
6/15
DocID025778 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
this
area
is
Limited
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
100
AM15317v1
ID
60
40
20
0
0
10
VDS(V)
20
(A)
5
15
80
VGS= 6 V
VGS= 7 V
VGS= 8 V
25
VGS= 9 V
10
30
50
70
AM15319v1
ID
30
20
10
0
3
5
VGS(V)
7
(A)
4
6
8
40
9
VDS= 25 V
50
60
70
80
AM15320v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
50
8
30
40
10
VDD=520 V
ID=14 A
60
300
200
100
0
400
500
VDS
(V)
VDS
12
70
80
AM15321v1
RDS(on)
0.086
0.084
0.082
0.08
0
10
ID(A)
(
Ω)
5
15
0.088
0.09
VGS=10V
20
25
0.092
0.094
0.096
0.096
AM15322v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com