Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPN3HD60-H Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGIPN3HD60-H
Description  SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3HD60-H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGIPN3HD60-H Datasheet HTML 2Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 3Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 4Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 5Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 6Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 7Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 8Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 9Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2.2
Thermal data
Table 5. Thermal data
Symbol
Parameter
Value
Unit
Rth(j-c)
Thermal resistance junction-case single IGBT
12.8
°C/W
Thermal resistance junction-case single diode
15.5
RthJA
Thermal resistance junction-ambient (per module)
22
STGIPN3HD60-H
Thermal data
DS11784 - Rev 3
page 6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com