Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPN3HD60-H Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPN3HD60-H
Description  SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3HD60-H Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPN3HD60-H Datasheet HTML 1Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 2Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 3Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 4Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 5Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 6Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 7Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 8Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
NDIP-26L
Features
•
IPM 3 A, 600 V, 3-phase IGBT inverter bridge including control ICs for gate
driving and freewheeling diodes
•
Optimized for low electromagnetic interferences
•
VCE(sat) negative temperature coefficient
•
3.3 V, 5 V, 15 V CMOS/TTL input comparators with hysteresis and pull-down/
pull-up resistors
•
Blanking time tdead ≥ 1 µs
•
Undervoltage lockout
•
Internal bootstrap diode
•
Interlocking function
•
Shutdown function
•
Comparator for fault protection against overtemperature and overcurrent
•
Op-amp for advanced current sensing
•
Optimized pinout for easy board layout
Applications
•
3-phase inverters for motor drives
•
Dish washers
•
Refrigerator compressors
•
Air-conditioning fans
•
Draining and recirculation pumps
Description
This SLLIMM (small low-loss intelligent molded module) nano provides a compact,
high-performance AC motor drive in a simple, rugged design. It is composed of six
IGBTs and three half-bridge HVICs for gate driving, providing low electromagnetic
interference (EMI) characteristics with optimized switching speed. The package is
optimized for thermal performance and compactness in built-in motor applications, or
other low power applications where assembly space is limited. This IPM includes an
operational amplifier, completely uncommitted, and a comparator that can be used to
design a fast and efficient protection circuit. SLLIMM is a trademark of
STMicroelectronics.
Product status
STGIPN3HD60-H
Device summary
Order code
STGIPN3HD60-H
Marking
GIPN3HD60-H
Package
NDIP-26L
Packing
Tube
SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
STGIPN3HD60-H
Datasheet
DS11784 - Rev 3 - January 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGIPN3HD60-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60 STMICROELECTRONICS-STGIPN3H60 Datasheet
550Kb / 21P
SLLIMM??nano (small low-loss intelligent molded module)IPM
02-May-2012
STGIPN3H60-H STMICROELECTRONICS-STGIPN3H60-H Datasheet
1Mb / 23P
3-phase inverters for motor drives
08-Sep-2016
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
SLLIMM??nano (small low-loss intelligent molded module) IPM
02-May-2012
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
30-Sep-2014
STGIPN3H60T-H STMICROELECTRONICS-STGIPN3H60T-H Datasheet
1Mb / 26P
Optimized for low electromagnetic interference
16-Mar-2017
More results

Similar Description - STGIPN3HD60-H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
SLLIMM™nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
30-Sep-2014
STGIPQ8C60T-HZ STMICROELECTRONICS-STGIPQ8C60T-HZ Datasheet
697Kb / 25P
SLLIMM™nano - 2nd series IPM, 3-phase inverter, 8 A, 600 V short-circuit rugged IGBTs
16-Dec-2016
STGIPQ3H60T-HL STMICROELECTRONICS-STGIPQ3H60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3 A, 600 V, 3-phase IGBT inverter bridge
21-Mar-2017
STGIPQ4C60T-HZ STMICROELECTRONICS-STGIPQ4C60T-HZ Datasheet
1Mb / 24P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short?멵ircuit rugged IGBT
Rev 2 - January 2021
STGIPNS3H60T-H STMICROELECTRONICS-STGIPNS3H60T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
15-Oct-2019
STGIPQ4C60T-HL STMICROELECTRONICS-STGIPQ4C60T-HL Datasheet
1Mb / 23P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short‑circuit rugged IGBT
06-Oct-2022
STGIB15CH60S-XZ STMICROELECTRONICS-STGIB15CH60S-XZ Datasheet
624Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V short-circuit rugged IGBT
20-Oct-2021
STGIB15CH60TS-X STMICROELECTRONICS-STGIB15CH60TS-X Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V, short‑circuit rugged IGBT
21-Sep-2021
STGIB15CH60TS-XZ STMICROELECTRONICS-STGIB15CH60TS-XZ Datasheet
2Mb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V short‑circuit rugged IGBT
21-Sep-2021
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
05-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com