Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPN3HD60-H Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGIPN3HD60-H
Description  SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3HD60-H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGIPN3HD60-H Datasheet HTML 6Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 7Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 8Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 9Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 10Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 11Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 12Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 13Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Table 10. Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vil
Low logic level voltage
0.8
V
Vih
High logic level voltage
2.25
V
IHINh
HIN logic “1” input bias
current
HIN = 15 V
20
40
100
µA
IHINl
HIN logic “0” input bias
current
HIN = 0 V
1
µA
ILINl
LIN logic “0” input bias current LIN = 0 V
1
µA
ILINh
LIN logic “1” input bias current LIN = 15 V
20
40
100
µA
ISDh
SD logic “0” input bias current SD = 15 V
30
120
300
µA
ISDl
SD logic “1” input bias current SD = 0 V
3
µA
Dt
Dead time
see Figure 5. Dead time and
interlocking waveform
definitions
360
ns
Table 11. Op-amp characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vic = 0 V, Vo = 7.5 V
6
mV
Iio
Input offset current
Vic = 0 V, Vo = 7.5 V
4
40
nA
Iib
Input bias current (1)
100
200
nA
VOL
Low level output voltage
RL = 10 kΩ to VCC
75
150
mV
VOH
High level output voltage
RL = 10 kΩ to GND
14
14.7
V
Io
Output short-circuit current
Source, Vid = + 1 V, Vo = 0 V
16
30
mA
Sink, Vid = -1 V, Vo = VCC
50
80
mA
SR
Slew rate
Vi = 1 - 4 V, CL = 100 pF, unity
gain
2.5
3.8
V/µs
GBWP
Gain bandwidth product
Vo = 7.5 V
8
12
MHz
Avd
Large signal voltage gain
RL = 2 kΩ
70
85
dB
SVR
Supply voltage rejection ratio
vs. VCC
60
75
dB
CMRR
Common mode rejection ratio
55
70
dB
1. The direction of input current is out of the IC.
STGIPN3HD60-H
Control part
DS11784 - Rev 3
page 10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com