Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L010R8 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L010R8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010R8 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L010R8 Datasheet HTML 7Page - STMicroelectronics STM32L010R8 Datasheet HTML 8Page - STMicroelectronics STM32L010R8 Datasheet HTML 9Page - STMicroelectronics STM32L010R8 Datasheet HTML 10Page - STMicroelectronics STM32L010R8 Datasheet HTML 11Page - STMicroelectronics STM32L010R8 Datasheet HTML 12Page - STMicroelectronics STM32L010R8 Datasheet HTML 13Page - STMicroelectronics STM32L010R8 Datasheet HTML 14Page - STMicroelectronics STM32L010R8 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
DS12325 Rev 3
11/92
STM32L010K8 STM32L010R8
Description
28
Figure 1. STM32L010K8/R8 block diagram
MSv63658V2
CORTEX M0+ CPU
Fmax:32 MHz
SWD
NVIC
GPIO PORT A
GPIO PORT B
GPIO PORT C
RESET and CLK
FLASH
EEPROM
BOOT
RAM
DMA1
BRIDGE
A
P
B
2
DBG
EXTI
ADC1
SPI1
TIM21
LSE
BRIDGE
A
P
B
1
I2C1
USART2
LPUART1
TIM2
IWDG
RTC
WWDG
LPTIM1
BCKP REG
HSE
HSI 16M
PLL
MSI
LSI
PMU
REGULATOR
VDD
VDDA
VREF_OUT
NRST
OSC32_IN,
OSC32_OUT
CK_IN
WKUPx
PA[0:15]
PC[0:15]
PB[0:15]
AINx
MISO, MOSI,
SCK, NSS
2ch
IN1, IN2,
ETR, OUT
SCL, SDA,
SMBA
RX, TX, RTS,
CTS, CK
RX, TX,
RTS, CTS
4ch
SWD
CRC
GPIO PORT D
PD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com