Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L010R8 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32L010R8
Description  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010R8 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32L010R8 Datasheet HTML 11Page - STMicroelectronics STM32L010R8 Datasheet HTML 12Page - STMicroelectronics STM32L010R8 Datasheet HTML 13Page - STMicroelectronics STM32L010R8 Datasheet HTML 14Page - STMicroelectronics STM32L010R8 Datasheet HTML 15Page - STMicroelectronics STM32L010R8 Datasheet HTML 16Page - STMicroelectronics STM32L010R8 Datasheet HTML 17Page - STMicroelectronics STM32L010R8 Datasheet HTML 18Page - STMicroelectronics STM32L010R8 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
DS12325 Rev 3
15/92
STM32L010K8 STM32L010R8
Functional overview
28
Table 3. Functionalities depending on the working mode
(from Run/active down to Standby)(1)(2)
IP
Run/active
mode
Sleep
mode
Low-
power
run
mode
Low-
power
sleep
mode
Stop mode
Standby mode
Wakeup
capability
Wakeup
capability
CPU
Y
-
Y
-
-
-
-
-
Flash memory
O
O
O
O
-
-
-
-
RAM
Y
Y
Y
Y
Y
-
-
-
Backup registers
Y
Y
Y
Y
Y
-
Y
-
EEPROM
O
O
O
O
-
-
-
-
Brownout reset (BOR)
O
O
O
O
O
O
O
O
DMA
O
O
O
O
-
-
-
-
Power-on/down reset
(POR/PDR)
YY
Y
Y
Y
Y
Y
Y
High speed internal (HSI)
O
O
-
-
(3)
--
-
High speed external (HSE)
O
O
O
O
-
-
-
-
Low speed internal (LSI)
O
O
O
O
O
-
O
-
Low speed external (LSE)
O
O
O
O
O
-
O
-
Multispeed internal (MSI)
O
O
Y
Y
-
-
-
-
Interconnect controller
Y
Y
Y
Y
Y
-
-
-
RTC
O
O
O
O
O
O
O
-
RTC tamper
O
O
O
O
O
O
O
O
Auto wakeup (AWU)
O
O
O
O
O
-
O
O
USART
O
O
O
O
O(4)
O-
-
LPUART
O
O
O
O
O(4)
O-
-
SPI
O
O
O
O
-
-
-
-
I2C
O
O
-
-
O(5)
O-
-
ADC
O
O
-
-
-
-
-
-
16-bit timers
O
O
O
O
-
-
-
-
LPTIM
O
O
O
O
O
O
-
-
IWDG
O
O
O
O
O
O
O
O
WWDG
O
O
O
O
-
-
-
-
SysTick timer
O
O
O
O
-
-
-
-
GPIOs
O
O
O
O
O
O
-
2 pins
Wakeup time to Run mode
0 µs
6 CPU
cycles
3 µs
7 CPU
cycles
5µs
65 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com