Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 298 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 298 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 299Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 302Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
6-48
Freescale Semiconductor
Core Register Summary
6.13.4 Data Address Compare Registers (DAC1–DAC2)
6.14 Signal Processing and Embedded Floating-Point Status and
Control Register (SPEFSCR)
32
63
Field
Data address
Reset
All zeros
R/W
R/W
SPR
SPR 316 (DAC1); SPR 317 (DAC2)
Figure 6-53. Data Address Compare Registers (DAC1–DAC2)
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
Field SOVH OVH FGH FXH FINVH FDBZH FUNFH FOVFH
—
FINXS FINVS FDBZS FUNFS FOVFS MODE
Reset
0000_0000_0000_0000
R/W
R/W
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
Field SOV
OV
FG
FX
FINV
FDBZ
FUNF
FOVF — FINXE FINVE FDBZE FUNFE FOVFE
FRMC
Reset
0000_0000_0000_0000
R/W
R/W
SPR
SPR 512
Figure 6-54. Signal Processing and Embedded Floating-Point Status and Control
Register (SPEFSCR)
Table 6-36. SPEFSCR Field Descriptions
Bits
Name
Function
32
SOVH
Summary integer overflow high. Set whenever an instruction (except mtspr) sets OVH. SOVH
remains set until it is cleared by an mtspr[SPEFSCR].
33
OVH
Integer overflow high. An overflow occurred in the upper half of the register while executing a SPE
integer instruction
34
FGH
Embedded floating-point guard bit high. Floating-point guard bit from the upper half. The value is
undefined if the processor takes a floating-point exception due to input error, floating-point overflow,
or floating-point underflow.
35
FXH
Embedded floating-point sticky bit high. Floating bit from the upper half. The value is undefined if the
processor takes a floating-point exception due to input error, floating-point overflow, or floating-point
underflow.
High-Word Error Bits
Status Bits
Enable Bits
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com