Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
1-2
Freescale Semiconductor
Overview
Figure 1-1. MPC8540 Block Diagram
1.2.1
Key Features
The following is an overview of the MPC8540 feature set:
•
High-performance, 32-bit Book E–enhanced core that implements the PowerPC
architecture
— 32-Kbyte L1 instruction cache and 32-Kbyte L1 data cache with parity protection.
Caches can be locked entirely or on a per-line basis, with separate locking for
instructions and data.
— Signal-processing engine (SPE) auxiliary processing unit (APU) provides an extensive
instruction set for vector (64-bit) integer, single-precision floating-point, and fractional
operations. These instructions use both the upper and lower words of the 64-bit GPRs
as they are defined by the SPE APU.
— The single-precision floating-point (SPFP) APU provides an instruction set for
single-precision (32-bit) floating-point instructions.
— Memory management unit (MMU) especially designed for embedded applications
— Enhanced hardware and software debug support
— Performance monitor facility (similar to but different from the MPC8540 performance
monitor described in Chapter 19, “Performance Monitor.”)
Core Complex
16 Gb/s
RapidIO-8
133 MHz
PCI-X 64b
10/100/1Gb
MII, GMII,TBI,
RTBI, RGMII
MII, GMII,TBI,
RTBI, RGMII
MII
Serial
IRQs
SDRAM
DDR
ROM,
10/100/1Gb
SDRAM,
GPIO
Bus
I2C
TSEC
I2C
Interface
TSEC
PCI/PCI-X Bus
Interface
e500
Coherency
Module
DDR Memory Controller
Local Bus Controller
Programmable Interrupt
Controller
DUART
e500 Core
256-Kbyte
L2 Cache/
SRAM
4-Channel DMA
Controller
10/100 Fast
Ethernet Controller
32-Kbyte L1
Instruction
Cache
32-Kbyte
L1 Data
Cache
OCeaN
Switch
Fabric
RapidIO Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com