Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
lxxv
Tables
Table
Number
Title
Page
Number
16-37
64-Bit Low Memory Base Address Register Field Descriptions........................................ 16-45
16-38
64-Bit High Memory Base Address Register Field Description......................................... 16-46
16-39
PCI Subsystem Vendor ID Register Field Description ....................................................... 16-46
16-40
PCI Subsystem ID Register Field Description.................................................................... 16-47
16-41
PCI Bus Capabilities Pointer Register Field Description ................................................... 16-47
16-42
PCI Bus Interrupt Line Register Field Description............................................................. 16-48
16-43
PCI Bus Interrupt Pin Register Field Description............................................................... 16-48
16-44
PCI Bus Minimum Grant Register Field Description ......................................................... 16-48
16-45
PCI Bus Maximum Latency Register Field Description .................................................... 16-49
16-46
PCI Bus Function Register Field Descriptions ................................................................... 16-49
16-47
PCI Bus Arbiter Configuration Register Field Descriptions .............................................. 16-50
16-48
PCI-X Next Capabilities ID Register Field Descriptions ................................................... 16-51
16-49
PCI-X Capability Pointer Register Field Description......................................................... 16-52
16-50
PCI-X Command Register Field Descriptions.................................................................... 16-52
16-51
PCI-X Status Register Field Descriptions........................................................................... 16-53
16-52
PCI Bus Commands ............................................................................................................ 16-58
16-53
Supported Combinations of PCI_AD[1:0].......................................................................... 16-59
16-54
PCI Configuration Space Header Summary ....................................................................... 16-72
16-55
PCI Type 0 Configuration—Device Number to ADn Translation...................................... 16-75
16-56
Special-Cycle Message Encodings ..................................................................................... 16-77
16-57
PCI Mode Error Actions ..................................................................................................... 16-80
16-58
PCI-X Command Encodings............................................................................................... 16-82
16-59
Burst/DWORD Transaction Attribute Summary ................................................................ 16-84
16-60
Split Completion Transaction Address ............................................................................... 16-91
16-61
PCI-X Split Completion Transaction Attribute Summary .................................................. 16-92
16-62
PCI-X Split Completion Message Summary ...................................................................... 16-93
16-63
PCI-X Type 0 Configuration—Device Number to ADn Translation ................................. 16-95
16-64
PCI-X Configuration Transaction Attribute Summary ....................................................... 16-96
16-65
PCI-X Mode Error Actions ................................................................................................. 16-97
16-66
Affected Configuration Register Bits for POR ................................................................... 16-99
16-67
Power-On Reset Values for Affected Configuration Bits ................................................. 16-100
17-1
RapidIO Terminology ........................................................................................................... 17-4
17-2
CRC Checking Mode ............................................................................................................ 17-6
17-3
Accept All Mode Behavior ................................................................................................... 17-6
17-4
RapidIO Interface Signals Summary .................................................................................... 17-7
17-5
RapidIO Interface Signals—Detailed Signal Descriptions ................................................... 17-8
17-6
RapidIO Module Memory Map ............................................................................................ 17-9
17-7
DIDCAR Field Descriptions ............................................................................................... 17-13
17-8
DICAR Field Description ................................................................................................... 17-14
17-9
AIDCAR Field Descriptions ............................................................................................... 17-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com