Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 312 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 312 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 308Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 309Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 310Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 313Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 316Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-8
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
Table 7-2 describes L2CTL fields.
Table 7-2. L2CTL Field Descriptions
Bits
Name
Description
0
L2E
L2 enable. Used to enable the L2 array (cache or memory-mapped SRAM).
0 The L2 SRAM (cache and memory-mapped SRAM) is disabled and is not accessed for reads,
snoops, or writes. Setting the L2 flash invalidate bit (L2I) is allowed.
1 The L2 SRAM (cache or memory-mapped SRAM) is enabled.
Note that L2I can be set regardless of the value of L2E.
1
L2I
L2 flash invalidate
0 The L2 status and LRU bits are not being cleared.
1 Setting L2I invalidates the L2 cache globally by clearing the all the L2 status bits, as well as the
LRU algorithm. Memory-mapped SRAM is unaffected.
Data in memory-mapped SRAM regions is unaffected by the flash invalidate. The hardware
automatically clears L2I when the invalidate is complete.
2–3
L2SIZ
L2 SRAM size (read only). Indicates the total available size of L2 SRAM (to be configured as cache
or memory-mapped SRAM).
00 Reserved
01 Reserved
10 256 Kbyte
11 Reserved
4–5
L2BLKSZ
L2 cache/memory-mapped SRAM block size. Determines the L2 cache/memory-mapped SRAM
block size. To change these bits, the L2 must be disabled (L2CTL[L2E] = 0). L2BLKSZ must be
≤
L2SIZ when L2E = 1. See the description of L2CTL[L2SRAM] for information on configuring the
total SRAM as cache or memory-mapped SRAM.
00 Reserved
01 128 Kbyte
10 256 Kbyte
11 Reserved
6–8
—
Reserved
9
L2DO
L2 data-only. Reserved in full memory-mapped SRAM mode. L2DO may be changed while the L2
is enabled or disabled.
0 The L2 cache allocates entries for instruction fetches that miss in the L2.
1 The L2 cache allocates entries for processor data loads that miss in the L2 and for processor L1
castouts but does not allocate entries for instruction fetches that miss in the L2. Instruction
accesses that hit in the L2, data accesses, and accesses from the system (including I/O stash
writes) are unaffected.
Note that if L2DO and L2IO are both set, no new lines are allocated into the L2 cache for any
processor transactions, and processor writes and castouts that hit existing data in the cache
invalidate those lines rather than updating them.
10
L2IO
L2 instruction-only. Reserved in full memory-mapped SRAM mode. Causes the L2 cache to
allocate lines for instruction cache transactions only. L2IO may be changed while the L2 is enabled
or disabled.
0 The L2 cache entries are allocated for data loads that miss in the L2 and for processor L1
castouts.
1 The L2 cache allocates entries for instruction fetch misses, but does not allocate entries for
processor data transactions. Data accesses that hit in the L2, instruction accesses, and
accesses from the system (including I/O stash writes) are unaffected.
Note that if L2DO and L2IO are both set, no new lines are allocated into the L2 cache for any
processor transactions, and processor writes and castouts that hit existing data in the cache
invalidate those lines rather than updating them.
11
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com