| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc |
|
136 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 2-18 Freescale Semiconductor Memory Map 0x0_2080 CS0_CONFIG—Chip select 0 configuration R/W 0x0000_0000 9.4.1.2/9-10 0x0_2084 CS1_CONFIG—Chip select 1 configuration 0x0_2088 CS2_CONFIG—Chip select 2 configuration 0x0_208C CS3_CONFIG—Chip select 3 configuration 0x0_2108 TIMING_CFG_1—DDR SDRAM timing configuration 1 R/W 0x0000_0000 9.4.1.3/9-11 0x0_210C TIMING_CFG_2—DDR SDRAM timing configuration 2 R/W 0x0000_0000 9.4.1.4/9-13 0x0_2110 DDR_SDRAM_CFG—DDR SDRAM control configuration R/W 0x0200_0000 9.4.1.5/9-14 0x0_2118 DDR_SDRAM_MODE—DDR SDRAM mode configuration R/W 0x0000_0000 9.4.1.6/9-16 0x0_2124 DDR_SDRAM_INTERVAL—DDR SDRAM interval configuration R/W 0x0000_0000 9.4.1.7/9-16 0x0_2E00 DATA_ERR_INJECT_HI—Memory data path error injection mask high R/W 0x0000_0000 9.4.1.8/9-17 0x0_2E04 DATA_ERR_INJECT_LO—Memory data path error injection mask low R/W 0x0000_0000 9.4.1.9/9-18 0x0_2E08 ECC_ERR_INJECT—Memory data path error injection mask ECC R/W 0x0000_0000 9.4.1.10/9-18 0x0_2E20 CAPTURE_DATA_HI—Memory data path read capture high R/W 0x0000_0000 9.4.1.11/9-19 0x0_2E24 CAPTURE_DATA_LO—Memory data path read capture low R/W 0x0000_0000 9.4.1.12/9-20 0x0_2E28 CAPTURE_ECC—Memory data path read capture ECC R/W 0x0000_0000 9.4.1.13/9-20 0x0_2E40 ERR_DETECT—Memory error detect R/W 0x0000_0000 9.4.1.14/9-21 0x0_2E44 ERR_DISABLE—Memory error disable R/W 0x0000_0000 9.4.1.15/9-21 0x0_2E48 ERR_INT_EN—Memory error interrupt enable R/W 0x0000_0000 9.4.1.16/9-22 0x0_2E4C CAPTURE_ATTRIBUTES—Memory error attributes capture R/W 0x0000_0000 9.4.1.17/9-23 0x0_2E50 CAPTURE_ADDRESS—Memory error address capture R/W 0x0000_0000 9.4.1.18/9-24 0x0_2E58 ERR_SBE—Single-Bit ECC memory error management R/W 0x0000_0000 9.4.1.19/9-25 I2C 0x0_3000 I2CADR—I2C address register R/W 0x00 11.3.1.1/11-5 0x0_3004 I2CFDR—I2C frequency divider register R/W 0x00 11.3.1.2/11-5 0x0_3008 I2CCR—I2C control register R/W 0x00 11.3.1.3/11-6 0x0_300C I2CSR—I2C status register R/W 0x81 11.3.1.4/11-7 Table 2-9. Memory Map (continued) Offset Register Access Reset Section/Page |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |