Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540 Datasheet(PDF) 179 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 179 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 175Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 176Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 177Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 178Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 179Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 180Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 181Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 182Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 1302 page
background image
Signals Overview
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
3-11
IRQ_OUT
Interrupt output
PIC
—
1
O
10-6/10-8
L1_TSTCLK
L1 test clock
Test
—
1
I
20-2/20-6
L2_TSTCLK
L2 test clock
Test
—
1
I
20-2/20-6
LA27
LBC burst address
LBC
cfg_cpu_boot
1
O
13-1/13-5
LAD[0:31]
LBC address/data
LBC
cfg_gpporcr
32
I/O
13-1/13-5
LALE
LBC address latch enable
LBC
cfg_core_pll0
1
O
13-1/13-5
LA[28:31]
LBC port address
LBC
cfg_sys_pll0
cfg_sys_pll1
cfg_sys_pll2
cfg_sys_pll3
4O
13-1/13-5
LBCTL
LBC data buffer control
LBC
—
1
O
13-1/13-5
LCKE
LBC clock enable
LBC
—
1
O
13-1/13-5
LCLK[0:2]
LBC clock
LBC
—
3
O
13-1/13-5
LCS5
LBC chip select 5
LBC
DMA_DREQ2
1O
13-1/13-5
LCS6
LBC chip select 6
LBC
DMA_DACK2
1O
13-1/13-5
LCS7
LBC chip select 7
LBC
DMA_DDONE2
1O
13-1/13-5
LCS[0:4]
LBC Chip select 0–4
LBC
—
5
O
13-1/13-5
LDP[0:3]
LBC data parity
LBC
—
4
I/O
13-1/13-5
LGPL0/LSDA10
LBC UPM general
purpose line 0/SDRAM
address bit 10
LBC
cfg_rio_clk0
1
O
13-1/13-5
LGPL1/LSDWE
LBC GP line 1/SDRAM
write enable
LBC
cfg_rio_clk1
1
O
13-1/13-5
LGPL2/LOE/
LSDRAS
LBC GP line 2/output
enable/SDRAM RAS
LBC
cfg_core_pll1
1
O
13-1/13-5
LGPL3/LSDCAS
LBC GP line 3/SDRAM
CAS
LBC
cfg_boot_seq0
1
O
13-1/13-5
LGPL4/LGTA/
LUPWAIT/LPBSE
LBC GP line 4/GPCM
terminate access/UPM
wait/parity byte select
LBC
—
1
I/O
13-1/13-5
LGPL5
LBC GP line 5 address
LBC
cfg_boot_seq1
1
O
13-1/13-5
LSSD_MODE
LSSD mode
Test
—
1
I
20-2/20-6
LSYNC_IN,
LSYNC_OUT
LBC DLL synchronization
LBC
—
2
I/O
13-1/13-5
LWE[0:1]/
LSDDQM[0:1]/
LBS[0:1]
LBC write enable/byte
lane data mask/byte
select 0–1
LBC
cfg_pci_hold[0:1]
2
O
13-1/13-5
Table 3-2. MPC8540 Alphabetical Signal Reference (continued)
Name
Description
Functional
Block
Alternate
Function(s)
No. of
Signals
I/O
Table/
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com