Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS5600AMBA0ES Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 11Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 12Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 17Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 18Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
OTP_SW1_VOLT[7:0]
Vout Setting (V)
11010xxx
5 V - 5.35 V with external resistor divider
11011xxx
5.4 V - .5.75 with external resistor divider
11100xxx
5.8 V - 6.15 V with external resistor divider
11101xxx
6.2 V - 6.55 V with external resistor divider
11110xxx
6.6 V - 6.95 V with external resistor divider
11111xxx
7 V - 8 V with external resistor divider
Table 10. OTP_SW1_VOLT[7:0] selection...continued
11.3.2 PFM and pulse skipping operation
At a high VIN/VOUT ratio with high switching frequency, the controller may start to
skip pulses to maintain regulation. The minimum on-time of the high side FET is
programmable via the OTP_SW1_MIN_TON[1:0] bits. OTP_SW1_MIN_TON[1:0] = 0b01
is the recommended default value that is optimal for most applications.
OTP_SW1_MIN_TON[1:0]
SW1 minimum on-time (ns)
00
40
01
60 (recommended)
10
80
11
100
Table 11. OTP_SW1_MIN_TON[1:0] selection
In addition, the controller starts to switch at half of the selected frequency when the VIN/
VOUT ratio is above 6. This allows reduced ripple operation compared to pulse-skipping.
11.3.3 PFM operation
When the OTP_MODE_SYNCINB bit = 0, the MODE/SYNCIN pin is configured
as a SYNCIN input. In this case, the switching mode of SW1 can be selected
using the SW1_MODE[1:0] bits. Default value of SW1_MODE[1:0] is loaded from
OTP_SW1_MODE[1:0].
OTP_SW1_MODE[1:0]
SW1_MODE[1:0]
SW1 operating mode
00
PFM
01
Reserved. Do not use.
10
Reserved. Do not use.
11
PWM
Table 12. SW1_MODE[1:0] selection.
When the OTP_MODE_SYNCINB bit = 1, the MODE/SYNCIN pin is configured as
a MODE input that can be used to select the operating mode of SW1 between PWM
(MODE = 0) and PFM (MODE = 1). To avoid conflicts between the pin and register bits,
do not use SW1_MODE[1:0] to change the operating mode.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
15 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com