Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS5600AMBA0ES Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 30Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 31Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 32Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 33Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 34Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 35Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
devices. The pins can be configured to perform other functions in the ASIL B and
Enhanced ASIL B versions.
OTP_GPO1/2/3_DELAY[2:0] sets the delay from SW1 or SW2’s soft-start ramp start
(which occurs first) to GPO1/2/3 being released high.
GPIO1/2/3_OUTPUT bit is set high internally, if programmed as part of the start-up based
on the OTP_GPIO1/2/3_DELAY[2:0] bits, and can be changed by the user via I2C after
power-up. After power-up, the GPIO1/2/3 pins may be toggled via I2C using the bits
GPIO1_OUTPUT, GPIO2_OUTPUT and GPIO3_OUTPUT respectively. When both EN1
and EN2 are brought low, the GPOs power down in the reverse sequence of their power-
up delays.
GPO1/2/3 pins are open-drain and need an external pullup resistor. GPIO2 pin can be
configured as SYNCOUT in a push-pull mode. See Section 14.6 for details.
PGOOD1/2 can also be delayed during start-up as shown in Table 31.
OTP_PGOOD1_DELAY[2:0]
OTP_PGOOD2_DELAY[2:0]
OTP_GPO1_DELAY[2:0]
OTP_GPO2_DELAY[2:0]
OTP_GPO3_DELAY[2:0]
Delay duration (µs)
000
GPO1/2/3 held low through power-up.
No additional delay for PGOOD1/2 release.
001
250
010
500
011
1000
100
2000
101
4000
110
8000
111
16000
Table 31. PGOOD1/2, GPIO1/2/3 delay selection
15.5 MODE pin
The MODE/SYNCIN pin can be configured as a MODE input via OTP by setting
OTP_MODE_SYNCINB = 1. The switching mode of SW1 and SW2 regulators can be
changed by toggling with MODE pin.
When MODE = 0, SW1 and SW2 operate in continuous PWM mode.
When MODE = 1, SW1 and SW2 operate in PFM mode. In this condition, several
internal circuits are turned off to achieve low quiescent current operation. PGOOD1
and PGOOD2 outputs indicate regulation status of SW1 and SW2 respectively in this
condition.
Note: OTP_ULPM_EN = 1 for all QM devices to achieve the low quiescent current.
OTP_ULPM_EN may be set to 0 or 1 for ASIL B and Enhanced ASIL B variations to
achieve different behavior. See Section 17.13.9 for details.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
34 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com