Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS5600AMBA0ES Datasheet(PDF) 85 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button MFS5600AMBA0ES Datasheet HTML 81Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 82Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 83Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 84Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 85Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 86Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 87Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 88Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
18.1.28 STATE register
Bit
Symbol
Description
4 to 0
PMIC_FSM[4:0]
Indicates FSM State.
5b'00100 - ABIST
5b'00101 - Power Up
5b'01000 - Deep Fail-Safe
5b'01001 - INIT RUN
5b'01100 - NORMAL
5b'01101 - Thermal Shutdown
5b'10000 - Power Down
5b'10001 - POR
Others - Reserved
Reset Condition — POR
Table 83. STATE register description
18.1.29 ID1 register
Bit
Symbol
Description
13 to 11
FULL_LAYER_REV[2:0]
Silicon revision identification
10 to 8
METAL_LAYER_REV[2:0]
Silicon revision identification
7 to 4
FAM_ID[3:0]
Family Id (1011 for FS56).
4b'1011 — Family Id (1011 for FS56).
Reset Condition — POR
3 to 0
DEVICEID[3:0]
Device variation identification. Defaulted to 0.
Table 84. ID1 register description
19 Typical application curves
(VIN = 12 V, Switching Frequency = 450 kHz, Hardware: KITFS5600FRDMEVM, SW1 =
5 V, SW2 = 3.3 V, Temperature = 25 C, SW1 Inductor = 6.8 μH, 14.5 mΩ, SW2 HS FET:
BUK9M9R5-40H, SW2 LS FET: BUK9M3R3, SW2 Inductor: 4.7 μH, 7.5 mΩ DCR, unless
otherwise noted..)
Figure 20. SW1 Soft-start
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
85 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com