Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEST1-C6 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # CEST1-C6
Description  Cable Entry Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CEST1-C6 Datasheet(HTML) 3 Page - PANDUIT CORP.

  CEST1-C6 Datasheet HTML 1Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 2Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 3Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 4Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 5Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 6Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 7Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Cable Entry System Frames for Terminated Cables - Round
• Requires the use of CEG grommets to achieve sealing properties (see page 4)
— Small Grommets accommodate 0.08" – 0.47" cable diameters
— Medium Grommets accommodate 0.47" – 0.87" cable diameters
— Large Grommets accommodate 0.87" – 1.18" cable diameters
• Split locknut included
• Cable grommets available for ASI cables
• IP65 (NEMA Type 1 and 12)
• Manufactured from polyamide 6 materials
• Flammability: UL94V-0
• Temperature rating: -22 °F – 212 °F (-30 °C – 100 °C)
• Installs into a 2" (50.5mm) round hole
• Requires the use of CEG grommets to achieve sealing properties (see page 4)
— Small Grommets accommodate 0.08" – 0.47" cable diameters
• Incorporates integrated strain relief
• Requires four (4) user supplied 10-32 screws and nuts for mounting
• IP65 (NEMA Type 1, 12, and 4X indoor use only)
• Manufactured from polypropylene and TPE materials
• Flammability: UL94V-0
• Temperature rating: -22 °F – 212 °F (-30 °C – 100 °C)
Part Number
Total
Number of
Openings
Number of Grommets
and Size Required
Overall Dimensions
Std. Pkg.
Qty.
Std. Ctn.
Qty.
Small
Medium
Large
Diameter
Installed Height
in
mm
in
mm
CEST2-RL251
1
1
0
0
1.57
39.9
0.73
18.5
5
50
CEST2-RL321
0
1
1.97
50.0
0.71
18.0
CEST2-RL401
2.44
62.0
CEST2-RL501
0
1
62.0
0.87
22.1
Part Number
Total
Number of
Openings
Number of Grommets
and Size Required
Overall Dimensions
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Small
Medium
Large
Length
Width
Installed Height
in
mm
in
mm
in
mm
CEST2-R504
4
4
0
0
2.44
62.0
2.44
62.0
0.71
18.0
1
50
For cutout dimensions, scan the QR code
or visit www.panduit.com/cable-entry-system-drawings
Cable Entry Systems



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com