Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEST1-C6 Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # CEST1-C6
Description  Cable Entry Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CEST1-C6 Datasheet(HTML) 4 Page - PANDUIT CORP.

  CEST1-C6 Datasheet HTML 1Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 2Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 3Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 4Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 5Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 6Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 7Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Grommets for Cable Entry System Frames for Terminated Cables
• Place grommets around cables and insert into Cable Entry System Frames for
Terminated Cables (see pages 2-3)
• Three sizes allow cables from 0.08" up to 1.18" diameter to route into control panels
• Cable grommets available for ASI cables
• Use cable tie part number PLT2S-C0 to secure cable within grommet
• Manufactured from TPE materials
• Flammability: UL94V-0
• Temperature rating: -22 °F – 212 °F (-30 °C – 100 °C)
Part
Number
Compatibility for
Frame Opening
Number of Opening
for Cables
Cable Diameter
Std. Pkg.
Qty.
Std. Ctn.
Qty.
In
mm
CEG-02X1
Small
1
0.08 - 0.12
2.0 - 3.0
12
1200
CEG-03X1
0.12 - 0.16
3.0 - 4.1
CEG-04X1
0.16 - 0.20
4.1 - 5.1
CEG-05X1
0.20 - 0.24
5.1 - 6.1
CEG-06X1
0.24 - 0.28
6.1 - 7.1
CEG-07X1
0.28 - 0.31
7.1 - 7.9
CEG-08X1
0.31 - 0.35
7.9 - 8.9
CEG-09X1
0.35 - 0.39
8.9 - 9.9
CEG-10X1
0.39 - 0.43
9.9 - 10.9
CEG-11X1
0.43 - 0.47
10.9 - 11.9
CEG-12X1
Medium
0.47 - 0.51
11.9 - 13.0
4
300
CEG-13X1
0.51 - 0.55
13.0 - 14.0
CEG-14X1
0.55 - 0.59
14.0 - 15.0
CEG-15X1
0.59 - 0.63
15.0 - 16.0
CEG-16X1
0.63 - 0.67
16.0 - 17.0
CEG-17X1
0.67 - 0.71
17.0 - 18.0
CEG-18X1
0.71 - 0.75
18.0 - 19.1
CEG-19X1
0.75 - 0.79
19.1 - 20.1
CEG-20X1
0.79 - 0.83
20.1 - 21.1
CEG-21X1
0.83 - 0.87
21.1 - 22.1
CEG-22X1
Large
0.87 - 0.91
22.1 - 23.1
CEG-23X1
0.91 - 0.94
23.1 - 23.9
CEG-24X1
0.94 - 0.98
23.9 - 24.9
CEG-25X1
0.98 - 1.02
24.9 - 25.9
CEG-26X1
1.02 - 1.06
25.9 - 26.9
CEG-27X1
1.06 - 1.10
26.9 - 27.9
CEG-28X1
1.10 - 1.14
27.9 - 29.0
CEG-29X1
1.14 - 1.18
29.0 - 30.0
CEG-02X2
Small
2
0.08 - 0.12
2.0 - 3.0
12
1200
CEG-02X4
4
CEG-03X2
2
0.12 - 0.16
3.0 - 4.1
CEG-03X4
4
CEG-04X2
2
0.16 - 0.20
4.1 - 5.1
CEG-04X4
4
CEG-05X2
Medium
2
0.20 - 0.24
5.1 - 6.1
4
300
CEG-05X4
4
CEG-06X2
2
0.24 - 0.28
6.1 - 7.1
CEG-06X4
4
CEG-07X2
2
0.28 - 0.31
7.1 - 7.9
CEG-07X4
4
CEG-08X2
2
0.31 - 0.35
7.9 - 8.9
CEG-08X4
4
CEG—X1
CEG—X4
Part
Number
Compatibility for
Frame Opening
Description
Std. Pkg.
Qty.
Std. Ctn.
Qty.
CEGASIX2
Medium
Cable bushing to accommodate two ASI bus cables
4
300
CEGAM
Medium
Adapter to allow the use of small grommets in a
medium hole in the frame
4
300
CEGBLS
Small
Blank / Filler Grommet
12
1200
CEGBLM
Medium
Blank / Filler Grommet
4
300
CEGBLL
Large
Blank / Filler Grommet
4
300
CEGASIX2
CEGAM
CEGBLS
CEG—X2
Cable Entry Systems



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com