Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEST1-C6 Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # CEST1-C6
Description  Cable Entry Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CEST1-C6 Datasheet(HTML) 7 Page - PANDUIT CORP.

  CEST1-C6 Datasheet HTML 1Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 2Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 3Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 4Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 5Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 6Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 7Page - PANDUIT CORP. CEST1-C6 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Part Number
Total
Number of
Openings
Number of
Openings
Size of Openings
Overall Dimensions
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Diameter
Installed Height
In
mm
In
mm
In
mm
CESU2-RL504
4
3
0.24 - 0.39
6.1 - 9.9
2.28
58.0
0.35
8.9
1
50
1
0.38 - 0.63
9.7 - 16.0
CESU2-RL506
6
1
0.12 - 0.22
3.0 - 5.6
5
0.20 - 0.36
5.1 - 9.1
CESU2-RL508
8
7
0.14 - 0.26
3.6 - 6.6
1
0.24 - 0.39
6.1 - 9.9
CESU2-RL5031
31
31
0.06 - 0.12
1.5 - 3.0
CESU2-RL638
8
2
0.12 - 0.26
3.0 - 6.6
2.80
71.0
4
0.20 - 0.36
5.1 - 9.1
2
0.38 - 0.63
9.7 - 16.0
CESU2-RL6313
13
6
0.12 - 0.22
3.0 - 5.6
0.14 - 0.26
3.6 - 6.6
1
0.24 - 0.39
6.1 - 9.9
CESU2-RL6319
19
19
0.12 - 0.20
3.0 - 5.1
CESU2-RL6346
46
46
0.06 - 0.12
1.5 - 3.0
Part Number
Total
Number of
Openings
Number of
Openings
Size of Openings
Overall Dimensions
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Diameter
Installed Height
In
mm
In
mm
In
mm
CESUM3-R406
6
1
0.08 - 0.16
2.0 - 4.0
1.9
48.5
0.33
8.5
5
50
2
0.12 - 0.24
3.0 - 6.0
2
0.20 - 0.35
5.0 - 9.0
1
0.30 - 0.47
7.5 - 12.0
CESUM3-R407
7
4
0.12 - 0.24
3.0 - 6.0
3
0.20 - 0.35
5.0 - 9.0
Cable Entry System for Un-Terminated Cables - Round
• Engineered cable entry system offering a high degree of strain relief
• For snap-in fastening or securing in place with a locknut
• Snaps into panel thickness of 0.06" to 0.08"
• Locknut included is used for securement but is not UL approved
• IP65 (NEMA 1)
• Manufactured from polyamide 6.6 and NBR/EPDM materials
• Temperature rating: -22 °F – 194 °F (-30 °C – 90 °C)
• Membrane plate cable entry system offering good strain relief
• For snap-in fastening or screwing in place with a locknut (not included)
• Snaps into panel thickness of 0.06" to 0.08"
• IP65 (NEMA 12 and 4X - indoor/horizontal mount only)
• Manufactured from polyamide 6.6 and NBR/EPDM materials
• Temperature Rating: -22 °F – 194 °F (-30 °C – 90 °C)
For cutout dimensions, scan the QR code
or visit www.panduit.com/cable-entry-system-drawings
Cable Entry Systems



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com