Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP61201 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP61201
Description  2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61201 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP61201 Datasheet HTML 6Page - Diodes Incorporated AP61201 Datasheet HTML 7Page - Diodes Incorporated AP61201 Datasheet HTML 8Page - Diodes Incorporated AP61201 Datasheet HTML 9Page - Diodes Incorporated AP61201 Datasheet HTML 10Page - Diodes Incorporated AP61201 Datasheet HTML 11Page - Diodes Incorporated AP61201 Datasheet HTML 12Page - Diodes Incorporated AP61201 Datasheet HTML 13Page - Diodes Incorporated AP61201 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AP61200/AP61201/AP61202/AP61203
Document number: DS44251 Rev. 3 - 2
10 of 21
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61200/AP61201/AP61202/AP61203
Typical Performance Characteristics (AP61201/AP61203 @ TA = +25°C, VIN = 5V, VOUT = 1.8V, BOM = Table 1, PWM,
unless otherwise specified.) (continued)
Figure 27. fSW vs. Load
Figure 28. Output Voltage Ripple, IOUT = 50mA
Figure 29. Output Voltage Ripple, IOUT = 2A
Figure 30. Load Transient, IOUT = 50mA to 500mA to 50mA
Figure 31. Load Transient, IOUT = 1A to 2A to 1A
Figure 32. Load Transient, IOUT = 50mA to 2A to 50mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0.001
0.010
0.100
1.000
10.000
IOUT (A)
1
μs/div
VOUTAC (10mV/div)
VSW (5V/div)
IL (1A/div)
1
μs/div
VOUTAC (10mV/div)
VSW (5V/div)
IL (1A/div)
100
μs/div
VOUTAC (20mV/div)
IOUT (500mA/div)
100
μs/div
VOUTAC (20mV/div)
IOUT (1A/div)
100
μs/div
VOUTAC (50mV/div)
IOUT (1A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com