Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP61201 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP61201
Description  2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61201 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP61201 Datasheet HTML 8Page - Diodes Incorporated AP61201 Datasheet HTML 9Page - Diodes Incorporated AP61201 Datasheet HTML 10Page - Diodes Incorporated AP61201 Datasheet HTML 11Page - Diodes Incorporated AP61201 Datasheet HTML 12Page - Diodes Incorporated AP61201 Datasheet HTML 13Page - Diodes Incorporated AP61201 Datasheet HTML 14Page - Diodes Incorporated AP61201 Datasheet HTML 15Page - Diodes Incorporated AP61201 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AP61200/AP61201/AP61202/AP61203
Document number: DS44251 Rev. 3 - 2
12 of 21
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61200/AP61201/AP61202/AP61203
Typical Performance Characteristics (AP61202/AP61203 @ TA = +25°C, VIN = 5V, VOUT = 1.8V, BOM = Table 1, unless
otherwise specified.)
Figure 37. Startup Using EN, IOUT = 2A
Figure 38. Shutdown Using EN, IOUT = 2A
Figure 39. Output Short Protection, IOUT = 2A
Figure 40. Output Short Recovery, IOUT = 2A
2ms/div
VOUT (2V/div)
VPG (5V/div)
IL (2A/div)
2ms/div
VOUT (2V/div)
VPG (5V/div)
IL (2A/div)
VOUT (1V/div)
VPG (5V/div)
IL (1A/div)
VEN (5V/div)
500
μs/div
VOUT (1V/div)
VPG (5V/div)
IL (1A/div)
VEN (5V/div)
50
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com