Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP61201 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP61201
Description  2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61201 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP61201 Datasheet HTML 10Page - Diodes Incorporated AP61201 Datasheet HTML 11Page - Diodes Incorporated AP61201 Datasheet HTML 12Page - Diodes Incorporated AP61201 Datasheet HTML 13Page - Diodes Incorporated AP61201 Datasheet HTML 14Page - Diodes Incorporated AP61201 Datasheet HTML 15Page - Diodes Incorporated AP61201 Datasheet HTML 16Page - Diodes Incorporated AP61201 Datasheet HTML 17Page - Diodes Incorporated AP61201 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AP61200/AP61201/AP61202/AP61203
Document number: DS44251 Rev. 3 - 2
14 of 21
www.diodes.com
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP61200/AP61201/AP61202/AP61203
Application Information (continued)
4
Power-Good (PG) Indicator (AP61202/AP61203)
The PG pin of AP61202/AP61203 is an open-drain output that is actively held low during the soft-start period until the output voltage reaches 95%
of its target value. When the output voltage is outside of its regulation by ±10%, PG pulls low until the output returns within 5% of its set value. The
PG rising edge transition is delayed by
55μs. The PG pin is connected to VIN through an internal 5MΩ pull-up resistor.
5
Undervoltage Lockout (UVLO) and Input Overvoltage Protection (OVP)
Undervoltage lockout is implemented to protect the IC from insufficient input voltages. The AP61200/AP61201/AP61202/AP61203 disables if the
input voltage falls below 1.84V. In this UVLO event, both the high-side and low-side power MOSFETs turn
off and the 1kΩ active discharge
enables to discharge the output voltage to ground.
Similarly, input overvoltage protection is implemented to protect the IC from excess input voltages. The AP61200/AP61201/AP61202/AP61203
disables if the input voltage rises above 6.3V. In this OVP event, both the high-side and low-side power MOSFETs turn off
and the 1kΩ active
discharge enables to discharge the output voltage to ground.
6
Overcurrent Protection (OCP)
The AP61200/AP61201/AP61202/AP61203 has cycle-by-cycle valley current limit protection by sensing the current through the internal low-side
power MOSFET, Q2. While Q2 is on, the internal sensing circuitry monitors its conduction current. The overcurrent limit has a corresponding
voltage limit, VLIMIT. When the voltage between GND and SW is lower than VLIMIT due to excessive current through Q2, the OCP triggers, and the
controller turns off Q2. During this time, both Q1 and Q2 remain off. A new switching cycle begins only when the voltage between GND and SW
rises above VLIMIT. If Q2 consistently hits the valley current limit for 0.6ms, the buck converter enters hiccup mode and shuts down. After 3.4ms of
down time, the buck converter restarts powering up. Hiccup mode reduces the power dissipation in the overcurrent condition.
The AP61200/AP61201/AP61202/AP61203 also has cycle-by-cycle peak current limit protection by sensing the current through the internal high-
side power MOSFET, Q1, through a similar mechanism as the cycle-by-cycle valley current limit protection.
Because the RDS(ON) values of the power MOSFETs increase with temperature, VLIMIT has a temperature coefficient of 0.4%/°C to compensate for
the temperature dependency of RDS(ON).
7
Thermal Shutdown (TSD)
If the junction temperature of the device reaches the thermal shutdown limit of +160°C, the AP61200/AP61201/AP61202/AP61203 shuts down
both its high-side and low-side power MOSFETs and triggers the output active discharge. When the junction temperature reduces to the required
level (+130°C typical), the device initiates a normal power-up cycle with soft-start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com