Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3601DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601DBVT
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV3601DBVT Datasheet HTML 1Page - Texas Instruments TLV3601DBVT Datasheet HTML 2Page - Texas Instruments TLV3601DBVT Datasheet HTML 3Page - Texas Instruments TLV3601DBVT Datasheet HTML 4Page - Texas Instruments TLV3601DBVT Datasheet HTML 5Page - Texas Instruments TLV3601DBVT Datasheet HTML 6Page - Texas Instruments TLV3601DBVT Datasheet HTML 7Page - Texas Instruments TLV3601DBVT Datasheet HTML 8Page - Texas Instruments TLV3601DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
1
2
3
4
8
7
6
5
V+
OUT1
OUT2
V-
IN1+
IN1–
IN2–
IN2+
Figure 5-3. TLV3602 DGK, DSG Packages
8-Pin VSSOP, WSON
Table 5-2. Pin Functions: TLV3602 (Dual)
PIN
I/O
DESCRIPTION
NAME
NO.
IN1+
1
I
Noninverting input, channel 1
IN1–
2
I
Inverting input, channel 1
IN2–
3
I
Inverting input, channel 2
IN2+
4
I
Noninverting input, channel 2
OUT1
7
O
Output, channel 1
OUT2
6
O
Output, channel 2
V-
5
P
Negative (lowest) supply or ground
V+
8
P
Positive (highest) supply
Thermal PAD
-
Connect directly to V- pin
TLV3601, TLV3602, TLV3603
SNOSDB1D – JUNE 2021 – REVISED NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3602 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com