Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3601DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601DBVT
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TLV3601DBVT Datasheet HTML 1Page - Texas Instruments TLV3601DBVT Datasheet HTML 2Page - Texas Instruments TLV3601DBVT Datasheet HTML 3Page - Texas Instruments TLV3601DBVT Datasheet HTML 4Page - Texas Instruments TLV3601DBVT Datasheet HTML 5Page - Texas Instruments TLV3601DBVT Datasheet HTML 6Page - Texas Instruments TLV3601DBVT Datasheet HTML 7Page - Texas Instruments TLV3601DBVT Datasheet HTML 8Page - Texas Instruments TLV3601DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................6
6.5 Electrical Characteristics.............................................7
6.6 Timing Diagrams ........................................................8
6.7 Typical Characteristics.............................................. 10
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................18
7.4 Device Functional Modes..........................................18
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Application.................................................... 21
9 Power Supply Recommendations................................25
10 Layout...........................................................................26
10.1 Layout Guidelines................................................... 26
10.2 Layout Example...................................................... 26
11 Device and Documentation Support..........................27
11.1 Device Support........................................................27
11.2 Receiving Notification of Documentation Updates.. 27
11.3 Support Resources................................................. 27
11.4 Trademarks............................................................. 27
11.5 Electrostatic Discharge Caution.............................. 27
11.6 Glossary.................................................................. 27
12 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (July 2022) to Revision D (November 2022)
Page
• Removed Preview from VSSOP package of TLV3602 ...................................................................................... 1
Changes from Revision B (November 2021) to Revision C (July 2022)
Page
• Added VSSOP and WSON package options for TLV3602 in Preview .............................................................. 1
• Removed Preview from SOT-23 package from TLV3601 ..................................................................................1
Changes from Revision A (August 2021) to Revision B (November 2021)
Page
• Remove Preview from TLV3603......................................................................................................................... 1
• Add DBV package option for TLV3601 in Preview ............................................................................................ 1
• Added typical performance curves................................................................................................................... 10
Changes from Revision * (June 2021) to Revision A (August 2021)
Page
• Production Data Release ...................................................................................................................................1
TLV3601, TLV3602, TLV3603
SNOSDB1D – JUNE 2021 – REVISED NOVEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV3601 TLV3602 TLV3603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com