Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3601DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3601DBVT
Description  TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3601DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLV3601DBVT Datasheet HTML 1Page - Texas Instruments TLV3601DBVT Datasheet HTML 2Page - Texas Instruments TLV3601DBVT Datasheet HTML 3Page - Texas Instruments TLV3601DBVT Datasheet HTML 4Page - Texas Instruments TLV3601DBVT Datasheet HTML 5Page - Texas Instruments TLV3601DBVT Datasheet HTML 6Page - Texas Instruments TLV3601DBVT Datasheet HTML 7Page - Texas Instruments TLV3601DBVT Datasheet HTML 8Page - Texas Instruments TLV3601DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
1 Features
• Fast propagation delay: 2.5 ns
• Low overdrive dispersion: 600 ps
• High toggle frequency: 325 MHz
• Narrow pulse width detection capability: 1.25 ns
• Push-pull output
• Wide supply range: 2.4 V to 5.5 V
• Input common-mode range extends 200 mV
beyond both rails
• Low input offset voltage: ±5 mV
• Known startup condition at output
• TLV3603 specific features:
– Adjustable hysteresis control pin
– Latch function
• Packages: TLV3601 (SC70-5), (SOT23-5),
TLV3603 (SC70-6),
TLV3602 (VSSOP-8), (WSON-8)
• Functional Safety Capable
– Documentation available to aid functional safety
system design [TLV3601/2]
– Documentation available to aid functional safety
system design [TLV3603]
2 Applications
• Laser distance meter
• Clock and data recovery
• High speed trigger function in oscilloscope and
logic analyzer
• Distance sensing in LIDAR
• Drone vision
• High speed differential line receiver
3 Description
The TLV360x are a family of 325 MHz, high-speed
comparators with rail-to-rail inputs and a propagation
delay of 2.5 ns. The combination of fast response and
wide operating voltage range make the comparators
suitable for narrow signal pulse detection and data
and clock recovery applications in LIDAR, range
finders, and line receivers.
The push-pull (single-ended ) outputs of the TLV360x
family simplify and save cost on board-to-board wiring
for I/O interfaces while reducing power consumption
when compared to alternative high-speed differential
output comparators. They can directly interface most
prevailing digital controllers and IO expanders in the
downstream circuit.
The TLV3601 is available in tiny 5-pin SC70
and SOT23 packages which makes it well suited
for space constrained equipment that benefit from
the comparators fast response time. TLV3603 is
packaged in a 6-pin SC70 package and maintains
the same speed and size as TLV3601 while offering
the additional features of adjustable hysteresis control
and output latch capability. The TLV3602 is a dual
channel version of the TLV3601 and is packaged in
8-pin VSSOP and WSON packages.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TLV3601
SC70 (5)
1.25 mm × 2.00 mm
SOT-23 (5)
2.90 mm × 1.60 mm
TLV3603
SC70 (6)
1.25 mm × 2.00 mm
TLV3602
VSSOP (8)
3.00 mm × 3.00 mm
WSON (8) (Preview) 2.00 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
+
TDC
V
BIAS
+
LE/HYST
TLV3603
OPA858
V
REF
TLV3603 Application Circuit
+
–
VCC
VEE
OUT
TLV3601
(TLV3602 per Channel)
+
–
V+
VEE
OUT
TLV3603
LE/HYST
Functional Block Diagrams
TLV3601, TLV3602, TLV3603
SNOSDB1D – JUNE 2021 – REVISED NOVEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV3601DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3601DBVT TI-TLV3601DBVT Datasheet
2Mb / 39P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601DBVT TI-TLV3601DBVT Datasheet
2Mb / 42P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
TLV3601DBVT TI2-TLV3601DBVT Datasheet
2Mb / 45P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
TLV3601DBVT.B TI2-TLV3601DBVT.B Datasheet
2Mb / 45P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
More results

Similar Description - TLV3601DBVT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-9000 AVAGO-HCPL-9000 Datasheet
357Kb / 14P
High Speed Digital Isolators 15 ns max. propagation delay
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
200 ns maximum propagation delay
logo
Texas Instruments
TLV3601 TI-TLV3601_V01 Datasheet
2Mb / 29P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
TLV3601-Q1 TI-TLV3601-Q1_V01 Datasheet
2Mb / 30P
TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
TLV3601-Q1 TI-TLV3601-Q1_V02 Datasheet
2Mb / 32P
TLV3601-Q1, TLV3603-Q1 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
NOVEMBER 2021
TLV3601 TI-TLV3601_V02 Datasheet
2Mb / 32P
TLV3601, TLV3603 325 MHz High-Speed Comparator with 2.5 ns Propagation Delay
NOVEMBER 2021
TLV3601-Q1 TI-TLV3601-Q1_V03 Datasheet
2Mb / 40P
TLV360x-Q1 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601 TI-TLV3601_V03 Datasheet
2Mb / 39P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601-Q1 TI-TLV3601-Q1_V04 Datasheet
2Mb / 41P
TLV360x-Q1 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED JULY 2022
TLV3601 TI-TLV3601_V05 Datasheet
2Mb / 42P
TLV360x 325 MHz High-Speed Comparators with 2.5 ns Propagation Delay
REVISED APRIL 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com