Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5045TR Datasheet(PDF) 9 Page - ams AG

Part # AS5045TR
Description  12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045TR Datasheet(HTML) 9 Page - ams AG

Back Button AS5045TR Datasheet HTML 5Page - ams AG AS5045TR Datasheet HTML 6Page - ams AG AS5045TR Datasheet HTML 7Page - ams AG AS5045TR Datasheet HTML 8Page - ams AG AS5045TR Datasheet HTML 9Page - ams AG AS5045TR Datasheet HTML 10Page - ams AG AS5045TR Datasheet HTML 11Page - ams AG AS5045TR Datasheet HTML 12Page - ams AG AS5045TR Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AS5045 12-BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 9 of 24
5
Mode Input Pin
The mode input pin activates or deactivates an internal filter that is used to reduce the analog output noise.
Activating the filter (Mode pin = LOW) provides a reduced output noise of 0.03° rms. At the same time, the output delay is
increased to 384µs. This mode is recommended for high precision, low speed applications.
Deactivating the filter (Mode pin = HIGH) reduces the output delay to 96µs and provides an output noise of 0.06° rms. This
mode is recommended for higher speed applications.
The MODE pin should be set at power-up. A change of the mode during operation is not allowed.
Switching the Mode pin affects the following parameters:
Parameter
slow mode (Mode = low)
fast mode (Mode = high, VDD5V)
sampling rate
2.61 kHz (384 µs)
10.42 kHz (96µs)
transition noise (1 sigma)
≤ 0.03° rms
≤ 0.06° rms
output delay
384µs
96µs
max. speed @ 4096 samples/rev.
max. speed @ 1024 samples/rev.
max. speed @ 256 samples/rev.
max. speed @ 64 samples/rev.
38 rpm
153 rpm
610 rpm
2441 rpm
153 rpm
610 rpm
2441 rpm
9766 rpm
Table 2: Slow and fast mode parameters 12-bit Absolute Angular Position Output
5.1
Synchronous Serial Interface (SSI)
D11
1
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OCF
COF
LIN
Mag
INC
Mag
DEC
Even
PAR
D11
1
18
8
t
CLK FE
t
CSn
t
DO Tristate
Status Bits
Angular Position Data
t
DO valid
t
DO active
T
CLK/2
t
CLK FE
CSn
DO
CLK
Figure 5: Synchronous serial interface with absolute angular position data
If CSn changes to logic low, Data Out (DO) will change from
high impedance (tri-state) to logic high and the read-out will
be initiated.
After a minimum time tCLK FE, data is latched into the
output shift register with the first falling edge of CLK.
Each subsequent rising CLK edge shifts out one bit of
data.
The serial word contains 18 bits, the first 12 bits are
the angular information D[11:0], the subsequent 6 bits
contain system information, about the validity of data
such as OCF, COF, LIN, Parity and Magnetic Field
status (increase/decrease).
A subsequent measurement is initiated by a “high”
pulse at CSn with a minimum duration of tCSn.
5.1.1
Data Content
D11:D0 absolute angular position data (MSB is clocked
out first)
OCF (Offset Compensation Finished), logic high
indicates the finished Offset Compensation Algorithm
COF (Cordic Overflow), logic high indicates an out of
range error in the CORDIC part. When this bit is set, the
data at D9:D0 is invalid. The absolute output maintains
the last valid angular value.
This alarm may be resolved by bringing the magnet
within the X-Y-Z tolerance limits.
LIN (Linearity Alarm), logic high indicates that the input
field
generates
a
critical
output
linearity.
When this bit is set, the data at D9:D0 may still be used,
but can contain invalid data. This warning may be
resolved by bringing the magnet within the X-Y-Z
tolerance limits.
Even Parity bit for transmission error detection of bits
1…17 (D11…D0, OCF, COF, LIN, MagINC, MagDEC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com